Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1816A Datasheet(PDF) 4 Page - Analog Devices

Part # AD1816A
Description  SoundPort Controller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816A Datasheet(HTML) 4 Page - Analog Devices

  AD1816A_15 Datasheet HTML 1Page - Analog Devices AD1816A_15 Datasheet HTML 2Page - Analog Devices AD1816A_15 Datasheet HTML 3Page - Analog Devices AD1816A_15 Datasheet HTML 4Page - Analog Devices AD1816A_15 Datasheet HTML 5Page - Analog Devices AD1816A_15 Datasheet HTML 6Page - Analog Devices AD1816A_15 Datasheet HTML 7Page - Analog Devices AD1816A_15 Datasheet HTML 8Page - Analog Devices AD1816A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
AD1816A
–4–
REV. A
DIGITAL DECIMATION AND INTERPOLATION FILTERS*
Parameter
Min
Typ
Max
Units
Audio Passband
0
0.4
× F
S
Hz
Audio Passband Ripple
±0.09
dB
Audio Transition Band
0.4
× F
S
0.6
× F
S
Hz
Audio Stopband
0.6
× F
S
Hz
Audio Stopband Rejection
82
dB
Audio Group Delay
12/FS
sec
Group Delay Variation Over Passband
0.0
µs
ANALOG-TO-DIGITAL CONVERTERS
Parameter
Min
Typ
Max
Units
Resolution
16
Bits
Signal-to-Noise Ratio (SNR) (A-Weighted, Referenced to Full Scale)
82
80
dB
Total Harmonic Distortion (THD) (Referenced to Full Scale)
0.011
0.015
%
–79
–76.5
dB
Audio Dynamic Range (–60 dB Input THD+N Referenced to
Full-Scale, A-Weighted)
79
82
dB
Audio THD+N (Referenced to Full-Scale)
0.019
%
–76
–74.5
dB
Signal-to-Intermodulation Distortion* (CCIF Method)
82
dB
ADC Crosstalk*
Line Inputs (Input L, Ground R, Read R; Input R, Ground L Read L)
–95
–80
dB
Line to MIC (Input LINE, Ground and Select MIC, Read ADC)
–95
–80
dB
Line to SYNTH
–95
–80
dB
Line to CD
–95
–80
dB
Line to VID
–95
–80
dB
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±1dB
ADC Offset Error
–22
+15
mV
DIGITAL-TO-ANALOG CONVERTERS
Parameter
Min
Typ
Max
Units
Resolution
16
Bits
Signal-to-Noise Ratio (SNR) (A-Weighted)
83
79
dB
Total Harmonic Distortion (THD)
0.006
0.009
%
–85
–80.5
dB
Audio Dynamic Range (–60 dB Input THD+N Referenced to
Full Scale, A-Weighted)
79
82
dB
Audio THD+N (Referenced to Full Scale)
0.013
0.017
%
–78
–75.5
dB
Signal-to-Intermodulation Distortion* (CCIF Method)
95
dB
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.5
dB
DAC Crosstalk* (Input L, Zero R, Measure R_OUT;
Input R, Zero L, Measure L_OUT)
–80
dB
Total Out-of-Band Energy (Measured from 0.6
× F
S to 100 kHz
at L_OUT and R_OUT)*
–45
dB
Audible Out-of-Band Energy (Measured from 0.6
× F
S to 20 kHz
at L_OUT and R_OUT)*
–75
dB
MASTER VOLUME ATTENUATORS (L_OUT AND R_OUT, PHONE_OUT)
Parameter
Min
Typ
Max
Units
Master Volume Step Size (0 dB to –46.5 dB)
1.5
dB
Master Volume Output Attenuation Range Span
46.5
dB
Mute Attenuation of 0 dB Fundamental*
–80
dB
OBSOLETE


Similar Part No. - AD1816A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1816AJS AD-AD1816AJS Datasheet
477Kb / 52P
   SoundPort Controller
REV. A
AD1816AJST AD-AD1816AJST Datasheet
477Kb / 52P
   SoundPort Controller
REV. A
More results

Similar Description - AD1816A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1816A AD-AD1816A Datasheet
477Kb / 52P
   SoundPort Controller
REV. A
AD1812 AD-AD1812 Datasheet
339Kb / 20P
   SoundPort Controller
REV. 0
AD1819B AD-AD1819B_15 Datasheet
249Kb / 28P
   AC97 SoundPort Codec
REV. 0
AD1819B AD-AD1819B Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1819A AD-AD1819A_15 Datasheet
278Kb / 28P
   AC 97 SoundPort Codec
REV. 0
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com