Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCHCT563 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HCHCT563
Description  Octal D-type transparent latch 3-state inverting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCHCT563 Datasheet(HTML) 7 Page - NXP Semiconductors

  74HCHCT563 Datasheet HTML 1Page - NXP Semiconductors 74HCHCT563 Datasheet HTML 2Page - NXP Semiconductors 74HCHCT563 Datasheet HTML 3Page - NXP Semiconductors 74HCHCT563 Datasheet HTML 4Page - NXP Semiconductors 74HCHCT563 Datasheet HTML 5Page - NXP Semiconductors 74HCHCT563 Datasheet HTML 6Page - NXP Semiconductors 74HCHCT563 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
December 1990
7
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state;
inverting
74HC/HCT563
AC WAVEFORMS
Fig.6
Waveforms showing the data input (Dn) to
output (Qn) propagation delays and the
output transition times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.7
Waveforms showing the latch enable input
(LE) pulse width, the latch enable input to
output (Qn) propagation delays and the
output transition times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.8
Waveforms showing the 3-state enable and
disable times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
Fig.9
Waveforms showing the data set-up and
hold times for Dn input to LE input
The shaded areas indicate when the input is permitted to
change for predictable output performance.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.


Similar Part No. - 74HCHCT563

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCHCT21 PHILIPS-74HCHCT21 Datasheet
37Kb / 6P
   Dual 4-input AND gate
December 1990
74HCHCT377 PHILIPS-74HCHCT377 Datasheet
64Kb / 7P
   Octal D-type flip-flop with data enable; positive-edge trigger
December 1990
74HCHCT4520 PHILIPS-74HCHCT4520 Datasheet
59Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
74HCHCT4538 PHILIPS-74HCHCT4538 Datasheet
149Kb / 13P
   Dual retriggerable precision monostable multivibrator
September 1993
More results

Similar Description - 74HCHCT563

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC563 PHILIPS-74HC563 Datasheet
67Kb / 7P
   Octal D-type transparent latch; 3-state; inverting
December 1990
74HC533 PHILIPS-74HC533 Datasheet
62Kb / 7P
   Octal D-type transparent latch; 3-state; inverting
December 1990
logo
Integral Corp.
IN74ACT533 INTEGRAL-IN74ACT533 Datasheet
195Kb / 5P
   OCTAL 3-STATE INVERTING TRANSPARENT LATCH
logo
KODENSHI_AUK CORP.
KK74HC533A KODENSHI-KK74HC533A Datasheet
279Kb / 7P
   Octal 3-State Inverting Transparent Latch
logo
ON Semiconductor
MC74HC373A ONSEMI-MC74HC373A Datasheet
195Kb / 8P
   Octal 3-State Non-Inverting Transparent Latch
March, 2000 ??Rev. 8
logo
Motorola, Inc
MC54-74HC373A MOTOROLA-MC54-74HC373A Datasheet
202Kb / 8P
   Octal 3-State Non-Inverting Transparent Latch
logo
ON Semiconductor
MC74HC373A ONSEMI-MC74HC373A_14 Datasheet
122Kb / 7P
   Octal 3-State Non-Inverting Transparent Latch
August, 2014 ??Rev. 15
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com