Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK310 Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SK310
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SK310 Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SK310 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SK310 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SK310 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SK310 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SK310 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SK310 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green products
Data Sheet N0944. Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
SK310
Marking Diagram:
Where XXXXX is YYWWL
SK310
= Part Name
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0
Ordering Information
Device
Package
Shipping
SK310
SMC
(Pb-Free)
3000pcs / reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
100
V
Max. Average Forward
IF(AV)
50% duty cycle @TC =100℃
rectangular wave
form(L=0.375”)
3.0
A
Max. Peak One Cycle
Non-Repetitive Surge Current
IFSM
8.3 ms, half Sine pulse
110
A


Similar Part No. - SK310

ManufacturerPart #DatasheetDescription
logo
Surge Components
SK310 SURGE-SK310 Datasheet
80Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes???
logo
Diode Semiconductor Kor...
SK310 DSK-SK310 Datasheet
98Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SK310 PACELEADER-SK310 Datasheet
285Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SK310 LEIDITECH-SK310 Datasheet
681Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK310 MCC-SK310 Datasheet
327Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SK310

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com