Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9120-56 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9120-56
Description  Frequency Timing Generator for EtherNet & Hard Drives
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9120-56 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9120-56 Datasheet HTML 1Page - Integrated Circuit Systems ICS9120-56 Datasheet HTML 2Page - Integrated Circuit Systems ICS9120-56 Datasheet HTML 3Page - Integrated Circuit Systems ICS9120-56 Datasheet HTML 4Page - Integrated Circuit Systems ICS9120-56 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
ICS9120-56
Electrical Characteristics at 3.3 V
VDD = +3.0 to +3.7 V, TA = 0
OC-70oC unless otherwise stated
1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
2: For direct drive of X1 input.
3. 1ms Ramp @ 1.4V to 1
st crossing.
Absolute Maximum Ratings
Supply Voltage .......................................................................................................... 7.0 V
Logic Inputs ....................................................................... GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature ............................................................. 0°C to +70°C
Storage Temperature ........................................................................... –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings
are stress specifications only and functional operation of the device at these or any other conditions above those listed
in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
1, X12
VIL
0.8
V
Input High Voltage
1, X12
VIH
2.0
V
Output Low Voltage
VOL
IOL=6.0mA
0.05VDD
0.1VDD
V
Output High Voltage
VOH
IOH=4.0mA
0.85VDD
0.94VDD
V
Output Low Current
IOL
VOL=0.2VDD
15.0
24
mA
Output High Current
IOH
VOH=0.7VDD
-13
-8.0
mA
Supply Current
IDD
Unloaded VDD 5.5V
16
30.0
mA
AC Characteristics
Rise Time
1
Tr
15pF load 0.8 to 2.0V
2.3
ns
Fall Time
1
Tf
15pF load 2.0 to 0.8V
0.8
1.5
ns
Duty Cycle
1
Dt
15pF load @ 1.5V VDD
Except REFCLK
45
50
55
%
Duty Cycle
1
Dt
15pF load @ 1.5V VDD
Except REFCLK
55
6
65
%
Jitter, One Sigma1
Tjis
For all frequencies except
REFCLK
120
200
ps
Jitter Absolute
1
Tjab
For all frequencies except
REFCLK
-500
310
500
ps
Jitter, One Sigma
1
Tjis
REFCLK only
0.9
3
%
Jitter Absolute
1
Tjab
REFCLK only
1.9
4
%
Input Frequency1
FI
1
30
MHz
Output Frequency Range
1
Fo
1.6
48
MHz
Output Mean Frequency
1
Accuracy vs. Target
Foa
With 25.00MHz input
-100
0
100
ppm
Power-up Time
1,3
Tpu
0 to 40.0 MHz/1ms Ramp.
7
10
ms
Crystal Input Capacitance
1
Cinx
X1 (Pin 1),
X2 (Pin 8)
16
pF


Similar Part No. - ICS9120-56

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9120-52 ICST-ICS9120-52 Datasheet
84Kb / 5P
   Frequency Generator for CD-ROM Systems
ICS9120-53 ICST-ICS9120-53 Datasheet
81Kb / 5P
   Frequency Generator for CD-ROM Systems
More results

Similar Description - ICS9120-56

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGP202 RENESAS-9FGP202 Datasheet
427Kb / 20P
   FREQUENCY TIMING GENERATOR FOR PERIPHERALS
REV D 070511
9FGP205 RENESAS-9FGP205 Datasheet
323Kb / 19P
   Frequency Timing Generator for Peripherals
07/16/14
logo
Integrated Device Techn...
9FGP204 IDT-9FGP204 Datasheet
177Kb / 18P
   Frequency Timing Generator for Peripherals
9FGP202A IDT-9FGP202A Datasheet
231Kb / 19P
   FREQUENCY TIMING GENERATOR FOR PERIPHERALS
logo
Renesas Technology Corp
9FGP204 RENESAS-9FGP204 Datasheet
320Kb / 19P
   Frequency Timing Generator for Peripherals
04/23/15
logo
Integrated Device Techn...
9FGP205 IDT-9FGP205 Datasheet
264Kb / 18P
   Frequency Timing Generator for Peripherals
logo
Integrated Circuit Syst...
ICS952301 ICST-ICS952301 Datasheet
588Kb / 12P
   Frequency Timing Generator for Transmeta Systems
ICS9248-192 ICST-ICS9248-192 Datasheet
105Kb / 12P
   Frequency Timing Generator for Transmeta Systems
logo
Renesas Technology Corp
ICS9248-192 RENESAS-ICS9248-192 Datasheet
387Kb / 14P
   Frequency Timing Generator for Transmeta Systems
2019
logo
Integrated Circuit Syst...
ICS9248-65 ICST-ICS9248-65 Datasheet
264Kb / 10P
   Frequency Timing Generator for PENDIUM II Systems
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com