Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1552BH Datasheet(PDF) 6 Page - NEC

Part # UPA1552BH
Description  N-CHANNEL POWER MOS FET ARRAY SWITCHING USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1552BH Datasheet(HTML) 6 Page - NEC

  UPA1552BH Datasheet HTML 1Page - NEC UPA1552BH Datasheet HTML 2Page - NEC UPA1552BH Datasheet HTML 3Page - NEC UPA1552BH Datasheet HTML 4Page - NEC UPA1552BH Datasheet HTML 5Page - NEC UPA1552BH Datasheet HTML 6Page - NEC UPA1552BH Datasheet HTML 7Page - NEC UPA1552BH Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
µPA1552B
SINGLE AVALANCHE ENERGY vs.
INDUCTIVE LOAD
L - Inductive Load - H
1.0
10
0.1
100
1 m
VDD = 30 V
VGS = 20 V
→ 0
RG = 25
Starting TCH = 25 ˚C
10
10 m
IAS = 5 A
E
AS = 2.5
mJ
SINGLE AVALANCHE ENERGY
DERATING FACTOR
Starting TCH - Starting Channel Temperature - ˚C
0
25
20
80
50
75
100
125
150
VDD = 30 V
RG = 25
VGS = 20 V
→ 0
IAS <= 5.0 A
100
60
40
µ
REFERENCE
Document Name
Document No.
NEC semiconductor device reliability/quality control system
TEI-1202
Quality grade on NEC semiconductor devices
IEI-1209
Semiconductor device mounting technology manual
IEI-1207
Semiconductor device package manual
IEI-1213
Guide to quality assurance for semiconductor devices
MEI-1202
Semiconductor selection guide
MF-1134
Power MOS FET features and application switching power supply
TEA-1034
Application circuits using Power MOS FET
TEA-1035
Safe operating area of Power MOS FET
TEA-1037


Similar Part No. - UPA1552BH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1552BH RENESAS-UPA1552BH Datasheet
231Kb / 10P
   COMPOUND FIELD EFFECT POWER TRANSISTOR
1995
More results

Similar Description - UPA1552BH

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1520B NEC-UPA1520B Datasheet
80Kb / 8P
   N-CHANNEL POWER MOS FET ARRAY SWITCHING USE
UPA1500B NEC-UPA1500B Datasheet
93Kb / 8P
   N-CHANNEL POWER MOS FET ARRAY SWITCHING USE
UPA1560 NEC-UPA1560 Datasheet
38Kb / 4P
   N-CHANNEL POWER MOS FET ARRAY SWITCHING INDUSTRIAL USE
UPA1572B NEC-UPA1572B Datasheet
89Kb / 8P
   N-CHANNEL POWER MOS FET ARRAY SWITCHING INDUSTRIAL USE
UPA1523B NEC-UPA1523B Datasheet
75Kb / 8P
   P-CHANNEL POWER MOS FET ARRAY SWITCHING INDUSTRIAL USE
2SK1290 NEC-2SK1290 Datasheet
394Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1295 NEC-2SK1295 Datasheet
396Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1122 NEC-2SK1122 Datasheet
381Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1853 NEC-2SK1853 Datasheet
359Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2359 NEC-2SK2359 Datasheet
122Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com