Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB-9780W-1590G Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # SPB-9780W-1590G
Description  2.5 Gbps Digital Diagnostic Single-Fiber SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-9780W-1590G Datasheet(HTML) 3 Page - Optoway Technology Inc

  SPB-9780W-1590G Datasheet HTML 1Page - Optoway Technology Inc SPB-9780W-1590G Datasheet HTML 2Page - Optoway Technology Inc SPB-9780W-1590G Datasheet HTML 3Page - Optoway Technology Inc SPB-9780W-1590G Datasheet HTML 4Page - Optoway Technology Inc SPB-9780W-1590G Datasheet HTML 5Page - Optoway Technology Inc SPB-9780W-1590G Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Optoway
SPB-9780W-1590G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V3.0
3
Receiver Specifications (0
oC < Topr < 70oC, 3.13 V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Sensitivity
---
---
---
-28
dBm
4
Maximum Input Power
Pin
-9
---
---
dBm
Signal Detect -- Asserted
Pa
---
---
-28
dBm
Transition: low to high
Signal Detect -- Deasserted
Pd
-40
---
---
dBm
Transition: high to low
Signal detect -- Hysteresis
1.0
---
dB
Wavelength of Operation
1480
1520
nm
5
Electrical
Differential Output Voltage
VOH – VOL
0.6
2.0
V
Output LOS Voltage -- Low
VOL
0
0.5
V
6
Output LOS Voltage – High
VOH
2.0
Vcc+0.3
V
6
Signal Detect Assert Time
ASMAX
100
µs
OFF to ON
Signal Detect Deassert Time
ANSMAX
300
µs
ON to OFF
Notes: 4. Minimum sensitivity and saturation levels at BER 1E-10 for a 2
23-1 PRBS.
5. At least 30 dB optical isolation for the wavelength 1580 to 1620 nm.
6. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage).
RECOMMENDED CIRCUIT SCHEMATIC
10nF
10
μF
10nF
10
μF
VeeR
POST
Amp
LD
Driver
Z=50
Ω
Z=50
Ω
Z=50
Ω
Z=50
Ω
VeeT
1
μH
1
μH
TD -
TD +
VccT
VccR
RD -
RD +
100
Ω
SFP module
SerDes
100
Ω
LOS
RD -
RD +
TD -
TD +
10nF
10
μF
Protocol
EEPROM
MODULE DETECT
SCL
SDA
LOSS OF SINGAL
Tx_DISABLE
Tx_FAULT
MOD_DEF(0)
MOD_DEF(1)
MOD_DEF(2)
4.7K to 10K
Ω
4.7K to 10K
Ω
4.7K to 10K
Ω
4.7K to 10K
Ω
Tx_FAULT
Tx_DISABLE
(1,17,20)
3
2
18
19
16
15
12
13
8
(9,10,11,14)
6
5
4
4.7K to 10K
Ω
Vcc 3.3V
Vcc 3.3V
IC
IC
depending on SERDES


Similar Part No. - SPB-9780W-1590G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9780W-1590G OPTOWAY-SPB-9780W-1590G Datasheet
172Kb / 5P
   1590 nm TX / 1510 nm RX , 3.3V / 2.5 Gbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9780W-1590G OPTOWAY-SPB-9780W-1590G Datasheet
178Kb / 6P
   1590 nm TX / 1510 nm RX , 3.3V / 2.5 Gbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9780W-1590G OPTOWAY-SPB-9780W-1590G_08 Datasheet
178Kb / 6P
   1590 nm TX / 1510 nm RX , 3.3V / 2.5 Gbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9780W-1590G OPTOWAY-SPB-9780W-1590G_15 Datasheet
178Kb / 6P
   2.5 Gbps Digital Diagnostic Single-Fiber SFP Transceiver
More results

Similar Description - SPB-9780W-1590G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9740WG_2015 OPTOWAY-SPB-9740WG_2015 Datasheet
187Kb / 6P
   2.5 Gbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9780W-1510G_2015 OPTOWAY-SPB-9780W-1510G_2015 Datasheet
178Kb / 6P
   2.5 Gbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-97120W-1510G OPTOWAY-SPB-97120W-1510G_15 Datasheet
176Kb / 6P
   2.5 Gbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9605WG OPTOWAY-SPB-9605WG_15 Datasheet
178Kb / 6P
   2.5 Gbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9620WG_2015 OPTOWAY-SPB-9620WG_2015 Datasheet
178Kb / 6P
   2.5 Gbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9720WG_2015 OPTOWAY-SPB-9720WG_2015 Datasheet
178Kb / 6P
   2.5 Gbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9705WG OPTOWAY-SPB-9705WG_15 Datasheet
230Kb / 6P
   2.5 Gbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9805WG OPTOWAY-SPB-9805WG_15 Datasheet
178Kb / 6P
   2.5 Gbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9905WG OPTOWAY-SPB-9905WG_15 Datasheet
178Kb / 6P
   2.5 Gbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9840WG_2015 OPTOWAY-SPB-9840WG_2015 Datasheet
178Kb / 6P
   2.5 Gbps Digital Diagnostic Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com