Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3S-CD61 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3S-CD61
Description  Long Range Metal Body Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-CD61 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3S-CD61 Datasheet HTML 1Page - Omron Electronics LLC E3S-CD61 Datasheet HTML 2Page - Omron Electronics LLC E3S-CD61 Datasheet HTML 3Page - Omron Electronics LLC E3S-CD61 Datasheet HTML 4Page - Omron Electronics LLC E3S-CD61 Datasheet HTML 5Page - Omron Electronics LLC E3S-CD61 Datasheet HTML 6Page - Omron Electronics LLC E3S-CD61 Datasheet HTML 7Page - Omron Electronics LLC E3S-CD61 Datasheet HTML 8Page - Omron Electronics LLC E3S-CD61 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
R
Long Range Metal Body Sensor
E3S-C
30 m Range With Advanced
Fuzzy Logic
H
Mutual interference protection
H
NPN/PNP switch selectable output
H
M12 plug-in connector
H
Meets IP67 and NEMA 4X, 6P
H
Vibration resistance of 10 Hz to 2 kHz
and a shock resistance of 1,000 m/s2
(approx. 100 G)
Ordering Information
J
SENSORS
Mounting
Method of detection
Sensing distance
Part number
g
g
Pre-leaded
Connector
Horizontal
Through-beam
30 m (98.43 ft)
E3S-CT11
E3S-CT16
Polarized retroreflective
3 m (9.84 ft)
E3S-CR11
E3S-CR16
Diffuse reflective
70 cm (27.56 in)
E3S-CD11
E3S-CD16
2 m (6.56 ft)
E3S-CD12
E3S-CD17
Vertical
Through-beam
30 m (98.43 ft)
E3S-CT61
E3S-CT66
Vertical
Polarized retroreflective
3 m (9.84 ft)
E3S-CR61
E3S-CR66
Diffuse reflective
70 cm (27.56 in)
E3S-CD61
E3S-CD66
2 m (6.56 ft)
E3S-CD62
E3S-CD67
J
ACCESSORIES
Description
Part number
Slits for E3S--CTjjsensors (4 pairs: 0.5 mm, 1.0 mm, 2 mm, and 4 mm wide, includes mounting hardware)
E39-S61
Mounting bracket for E39-R1 reflector
E39-L7
J
CONNECTOR CABLES
Connector type
Cable size
Length
Straight connector
Right angle connector
3-wire DC
R
22 AWG
2 m (6.56 ft)
Y96E-43SD2
Y96E-43RD2
MicroChangeR
5 m (16.40 ft)
Y96E-43SD5
Y96E-43RD5
10 m (32.8 ft)
Y96E-43SD10
Y96E-43RD10


Similar Part No. - E3S-CD61

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-CD61 OMRON-E3S-CD61 Datasheet
541Kb / 10P
   Oil-resistive, long-distance photoelectric sensor (metal case)
E3S-CD61-M1 OMRON-E3S-CD61-M1 Datasheet
814Kb / 10P
   Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
E3S-CD61-M1J OMRON-E3S-CD61-M1J Datasheet
541Kb / 10P
   Oil-resistive, long-distance photoelectric sensor (metal case)
E3S-CD612M OMRON-E3S-CD612M Datasheet
814Kb / 10P
   Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
More results

Similar Description - E3S-CD61

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-CT16 OMRON-E3S-CT16 Datasheet
649Kb / 14P
   Long Range Metal Body Sensor
E3SCT11D5M OMRON-E3SCT11D5M Datasheet
814Kb / 10P
   Oil-resistant, Long-range Photoelectric Sensor with Metal Housing
logo
Panasonic Semiconductor
PX-2 PANASONIC-PX-2 Datasheet
503Kb / 14P
   Long Range & Wide Area Photoelectric Sensor
logo
Omron Electronics LLC
E3K-R10K4 OMRON-E3K-R10K4 Datasheet
586Kb / 6P
   Long-Range AC/DC Photoelectric Sensor
E3B2-R7M4D-US OMRON-E3B2-R7M4D-US Datasheet
468Kb / 6P
   Plug-in Base, Long Range Sensor
logo
Abracon Corporation
ART915X2117225TX21-IC ABRACON-ART915X2117225TX21-IC Datasheet
411Kb / 3P
   LONG RANGE RFID TAG IDEAL FOR METAL SURFACES
07/13/2016
logo
Laird Tech Smart Techno...
BT510 LSTD-BT510 Datasheet
294Kb / 2P
   Bluetooth v5 Long Range IP67 Multi Sensor
logo
Abracon Corporation
ART915X1620TX16-IC ABRACON-ART915X1620TX16-IC Datasheet
407Kb / 3P
   LONG RANGE RFID TAG IDEAL FOR METAL SURFACES
07/13/2016
ART915X130930TX13-IC ABRACON-ART915X130930TX13-IC Datasheet
414Kb / 3P
   LONG RANGE RFID TAG IDEAL FOR METAL SURFACES
07/13/2016
logo
Omron Electronics LLC
E3S-C OMRON-E3S-C Datasheet
541Kb / 10P
   Oil-resistive, long-distance photoelectric sensor (metal case)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com