Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9092-05-10 Datasheet(PDF) 1 Page - Coto Technology

Part # 9092-05-10
Description  9011, 9012 9117 MINIATURE SIP RELAYS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

9092-05-10 Datasheet(HTML) 1 Page - Coto Technology

  9092-05-10 Datasheet HTML 1Page - Coto Technology 9092-05-10 Datasheet HTML 2Page - Coto Technology 9092-05-10 Datasheet HTML 3Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
9011, 9012 & 9117 MINIATURE SIP RELAYS
DIMENSIONS
in Inches (Millimeters)
9011, 9012 & 9117 Series Miniature Molded SIP Reed Relays
The 9011, 9012 & 9117 are compact versions of Coto’s standard 9000 SIPs, with the
9011 and 9117 using 65% less board space and the 9012 using 47% less board space
(LxW). These miniature SIP relays are ideal for use in ATE applications and other
high reliability test, measurement and telecommunications applications where high
board density and long life are key requirements.
9011, 9012 & 9117 Series Features
u
9012 is a 10W SIP relay (.400” x .150” x .400”)
u
9011 is a 3W SIP relay (.400” x .150” x .265”)
u
9117 is the smallest 3W SIP relay (.270” x .150” x .385”)
u
Magnetic shielding reduces interaction
u
Optional coil suppression diode protects coil drive circuits
u
UL File #E67117 - Contact factory for details
u
High insulation resistance 1012Ω minimum
u
High speed switching
u
Molded thermoset body on integral lead frame design
u
High reliability, hermetically sealed contacts for long life
u
RoHS compliant
Model 9012
Model 9117
0.010 Typ.
(0.25)
0.130
(3.30)
0.015
(.381)
0.050
(1.27)
0.100
(2.54)
0.200
(5.08)
0.300
(7.62)
.400 Max.
(10.16)
0.400 Max.
(10.16)
IDENTIFIES
PIN #1
.150 Max.
(3.81)
1
2
3
4
SEE LEAD DETAIL
.012
(0.30)
LEAD DETAIL
(TYP.)
.020
(0.51)
30o
.150 Max
(3.81)
.270 Max
(6.85)
.015 Typ.
(.38)
.060 (1.52)
.010
(.25)
1
.011 (.27)
.125 (3.17)
.044 Ref.
(1.11)
.120 (3.04)
.180
(4.57)
23 4
.385 Max
(9.77)
IDENTIFIES
PIN #1
Ordering Information
Part Number 90XX-XX-1X
Model Number
9011 9012 9117
Coil Voltage
General Options2
0=No Diode
1=Diode
Magnetic Shield
1=Mag Shield (External 9011, 9117; Internal 9012)
05=5 volts
12=12 volts (N/A on 9117)
Model 9011
0.400 Max.
(10.16)
IDENTIFIES
PIN #1
1
3
0.130
(3.30)
0.020
(0.51)
0.010 Typ.
(0.25)
.265 Max.
(6.73)
0.150 Max.
(3.81)
0.300
(7.62)
0.200
(5.08)
0.050 Ref.
(1.27)
0.100
(2.54)
0.025
(0.64)
4
2
SEE LEAD DETAIL
tel: (401) 943.2686
|
fax: (401) 942.0920
36 | page


Similar Part No. - 9092-05-10

ManufacturerPart #DatasheetDescription
logo
Heyco.
9092 HEYCO-9092 Datasheet
117Kb / 1P
   Releasable Type T Rivets
More results

Similar Description - 9092-05-10

ManufacturerPart #DatasheetDescription
logo
Coto Technology
9012-05-11 COTO-9012-05-11 Datasheet
279Kb / 2P
   9011, 9012 9117 Miniature SIP Relays
logo
RHOPOINT COMPONENTS
9011 RHOPOINT-9011 Datasheet
90Kb / 2P
   Miniature SIP Relays
logo
Coto Technology
9011 COTO-9011 Datasheet
94Kb / 2P
   Miniature SIP Relays
9091 COTO-9091 Datasheet
464Kb / 2P
   9091 & 9092 MINIATURE SIP RELAYS
9094 COTO-9094 Datasheet
543Kb / 2P
   9094 HIGH POWER MINIATURE SIP REED RELAYS
logo
RHOPOINT COMPONENTS
9001 RHOPOINT-9001 Datasheet
88Kb / 2P
   Molded SIP Reed Relays
logo
List of Unclassifed Man...
SIL4 ETC1-SIL4 Datasheet
609Kb / 7P
   SIP SERIES REED RELAYS
logo
Coto Technology
9001-05-00 COTO-9001-05-00 Datasheet
273Kb / 2P
   Molded SIP Reed Relays
9007-05-00 COTO-9007-05-00 Datasheet
315Kb / 2P
   Spartan SIP Reed Relays
logo
DB Lectro Inc
101R-1A12D2 DBLECTRO-101R-1A12D2 Datasheet
967Kb / 2P
   SIP, DIP REED RELAYS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com