Electronic Components Datasheet Search |
|
981505 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
981505 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 12/23/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 39980-0405 Status: Active Overview: Eurostyle™ Terminal Blocks Description: 5.08mm Pitch Beau™ Eurostyle™ Surface Mount Compatible Locking Header, 5 Circuits Documents: 3D Model RoHS Certificate of Compliance (PDF) Drawing (PDF) Agency Certification UL E48521 General Product Family Terminal Blocks Series 39980 Application N/A Comments Gold plating available Component Type PCB Header Overview Eurostyle™ Terminal Blocks Product Name Eurostyle™Pluggable Type Euro Block UPC 800753317260 Physical Circuits (Loaded) 5 Color - Resin Black Entry Angle N/A Flammability 94V-0 Lock to Mating Part Yes Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin Nylon Net Weight 2.895/g Number of Rows 1 Orientation Vertical PC Tail Length 3.81mm PCB Retention None PCB Thickness - Recommended 1.60mm Panel Mount No Pitch - Mating Interface 5.08mm Pitch - Termination Interface 5.08mm Plating min - Mating 3.810µm Plating min - Termination 3.810µm Polarized to Mating Part Yes Shrouded No Stackable No Surface Mount Compatible (SMC) No Temperature Range - Operating 140°C Wire Size AWG N/A Electrical Current - Maximum per Contact 10A Voltage - Maximum 300V Material Info Old Part Number 981505 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Low-Halogen Status Low-Halogen Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 39980Series Mates With 39980-2105 Spring Clamp Plug, 39980-0305 Screw Clamp Plug |
Similar Part No. - 981505 |
|
Similar Description - 981505 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |