Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8530DY Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS8530DY
Description  LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-2.5V LVPECL FANOUT BUFFER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8530DY Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS8530DY Datasheet HTML 1Page - Integrated Circuit Systems ICS8530DY Datasheet HTML 2Page - Integrated Circuit Systems ICS8530DY Datasheet HTML 3Page - Integrated Circuit Systems ICS8530DY Datasheet HTML 4Page - Integrated Circuit Systems ICS8530DY Datasheet HTML 5Page - Integrated Circuit Systems ICS8530DY Datasheet HTML 6Page - Integrated Circuit Systems ICS8530DY Datasheet HTML 7Page - Integrated Circuit Systems ICS8530DY Datasheet HTML 8Page - Integrated Circuit Systems ICS8530DY Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ICS8530DY
www.icst.com/products/hiperclocks.html
REV. C AUGUST 7, 2001
5
Integrated
Circuit
Systems, Inc.
ICS8530
LOW SKEW, 1-TO-16
DIFFERENTIAL-TO-2.5V LVPECL FANOUT BUFFER
PARAMETER MEASUREMENT INFORMATION
FIGURE 1 - OUTPUT LOAD TEST CIRCUIT
SCOPE
Qx
nQx
LVPECL
V
CC = 2.8V
V
CCO = 2V
V
CC
V
CCO
V
EE = -0.5V ± 0.135V
FIGURE 2 - DIFFERENTIAL INPUT LEVEL
V
CMR
Cross Points
V
PP
CLK
nCLK
V
EE
V
CC
FIGURE 3 - OUTPUT SKEW
tsk(o)
Qx
nQx
Qy
nQy


Similar Part No. - ICS8530DY

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8530DY-01 ICST-ICS8530DY-01 Datasheet
125Kb / 12P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
ICS8530DY-01T ICST-ICS8530DY-01T Datasheet
125Kb / 12P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
ICS8530DYI-01 ICST-ICS8530DYI-01 Datasheet
267Kb / 17P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
ICS8530DYI-01T ICST-ICS8530DYI-01T Datasheet
267Kb / 17P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
ICS8530DYI01 ICST-ICS8530DYI01 Datasheet
267Kb / 17P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
More results

Similar Description - ICS8530DY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8530 IDT-8530 Datasheet
272Kb / 16P
   Low Skew, 1-to16, Differential-to-2.5V LVPECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
ICS858012 ICST-ICS858012 Datasheet
231Kb / 15P
   LOW SKEW, 1-TO-2, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
85314I-01 RENESAS-85314I-01 Datasheet
473Kb / 21P
   Low Skew, 1-to-5 Differential-to-2.5V/3.3V LVPECL Fanout Buffer
DECEMBER 19, 2014
ICS853S004I RENESAS-ICS853S004I Datasheet
474Kb / 21P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
May 27, 2017
logo
Integrated Device Techn...
ICS853S004I IDT-ICS853S004I Datasheet
278Kb / 20P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS85314I-11 ICST-ICS85314I-11 Datasheet
250Kb / 18P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
ICS853S024 RENESAS-ICS853S024 Datasheet
1,006Kb / 20P
   Low Skew, 1-to-24, Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
JULY 20, 2011
ICS853S12I RENESAS-ICS853S12I Datasheet
475Kb / 18P
   LOW SKEW, 1-TO-12, DIFFERENTIAL-TO- 3.3V, 2.5V LVPECL FANOUT BUFFER
MAY 21, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com