Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1523BH Datasheet(PDF) 7 Page - NEC

Part # UPA1523BH
Description  P-CHANNEL POWER MOS FET ARRAY SWITCHING INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1523BH Datasheet(HTML) 7 Page - NEC

  UPA1523BH Datasheet HTML 1Page - NEC UPA1523BH Datasheet HTML 2Page - NEC UPA1523BH Datasheet HTML 3Page - NEC UPA1523BH Datasheet HTML 4Page - NEC UPA1523BH Datasheet HTML 5Page - NEC UPA1523BH Datasheet HTML 6Page - NEC UPA1523BH Datasheet HTML 7Page - NEC UPA1523BH Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
µPA1523B
7
SINGLE AVALANCHE CURRENT vs.
INDUCTIVE LOAD
L - Inductive Load - H
–0.1
–1.0
–10
–0.1
100
1 m
10
µµ
10 m
IAS = –2 A
SINGLE AVALANCHE ENERGY
DERATING FACTOR
Starting TCH - Starting Channel Temperature - ˚C
0
25
20
80
50
75
100
125
150
100
60
40
E
AS = 0.4
mJ
VDD = –30 V
RG = 25
VGS = –20 V
→ 0
IAS
≤ 1.0 A
VDD = –30 V
VGS = –20 V
→ 0
RG = 25
Starting TCH = 25 ˚C
REFERENCE
Document Name
Document No.
NEC semiconductor for device reliability/quality control system
TEI-1202
Quality grade on NEC semiconductor devices
IEI-1209
Semiconductor device mounting technology manual
C10535E
Semiconductor device package manual
C10943X
Guide to quality assurance for semiconductor devices
MEI-1202
Semiconductor selection guide
X10679E
Power MOS FET features and application switching power supply
TEA-1034
Application circuits using Power MOS FET
TEA-1035
Safe operating area of Power MOS FET
TEA-1037


Similar Part No. - UPA1523BH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1523BH RENESAS-UPA1523BH Datasheet
233Kb / 10P
   COMPOUND FIELD EFFECT POWER TRANSISTOR
1996
More results

Similar Description - UPA1523BH

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1730 NEC-UPA1730 Datasheet
71Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ330 NEC-2SJ330 Datasheet
339Kb / 6P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ493 NEC-2SJ493 Datasheet
66Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ495 NEC-2SJ495 Datasheet
75Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ329 NEC-2SJ329 Datasheet
344Kb / 6P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ331 NEC-2SJ331 Datasheet
345Kb / 6P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ600 NEC-2SJ600 Datasheet
40Kb / 4P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ601 NEC-2SJ601 Datasheet
54Kb / 4P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ302 NEC-2SJ302 Datasheet
440Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1716 NEC-UPA1716 Datasheet
66Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com