Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDURD1560 Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SDURD1560
Description  ULTRAFAST PLASTIC RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SDURD1560 Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SDURD1560 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURD1560 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURD1560 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURD1560 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SDURD1560 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1288, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
SDURD1560
Marking Diagram:
Where XXXXX is YYWWL
SDUR
= Device Type
D
= Package type
15
= Forward Current (15A)
60
= Reverse Voltage (600V)
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0
Ordering Information:
Device
Package
Shipping
SDURD1560
DPAK
(Pb-Free)
2500pcs / reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
600
V
Max. Average Forward
IF (AV)
50% duty cycle @Tc=100°C,
rectangular wave form
15
A
Max. Peak One Cycle Non-
Repetitive Surge Current
(Per leg)
IFSM
8.3ms, Half Sine pulse
160
A


Similar Part No. - SDURD1560

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
SDURD1560 SMCDIODE-SDURD1560 Datasheet
303Kb / 4P
   SDURD1560 ULTRAFAST RECTIFIER
Rev. A
logo
Sangdest Microelectroni...
SDURD1560CT SMC-SDURD1560CT Datasheet
147Kb / 6P
   ULTRAFAST PLASTIC RECTIFIER
More results

Similar Description - SDURD1560

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MUR140 VISHAY-MUR140 Datasheet
95Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
MUR420 VISHAY-MUR420 Datasheet
93Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
MUR440 VISHAY-MUR440 Datasheet
94Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 20-Aug-07
31GF4 VISHAY-31GF4_09 Datasheet
67Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 23-Oct-09
UG2F VISHAY-UG2F Datasheet
73Kb / 4P
   Ultrafast Plastic Rectifier
Revision: 23-Oct-09
logo
Sangdest Microelectroni...
MUR1660 SMC-MUR1660 Datasheet
202Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1020 SMC-MURF1020 Datasheet
159Kb / 4P
   ULTRAFAST PLASTIC RECTIFIER
MURF1020CTR SMC-MURF1020CTR Datasheet
346Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1040CT SMC-MURF1040CT Datasheet
182Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1620CTR SMC-MURF1620CTR Datasheet
194Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
MURF1640CT SMC-MURF1640CT Datasheet
228Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com