Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8508 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV8508
Description  5.0 V, 250 mA LDO with Watchdog and RESET
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8508 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV8508 Datasheet HTML 7Page - ON Semiconductor NCV8508 Datasheet HTML 8Page - ON Semiconductor NCV8508 Datasheet HTML 9Page - ON Semiconductor NCV8508 Datasheet HTML 10Page - ON Semiconductor NCV8508 Datasheet HTML 11Page - ON Semiconductor NCV8508 Datasheet HTML 12Page - ON Semiconductor NCV8508 Datasheet HTML 13Page - ON Semiconductor NCV8508 Datasheet HTML 14Page - ON Semiconductor NCV8508 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
NCV8508
http://onsemi.com
11
Table 1. SOIC 16-Lead Thermal RC Network Models
96 mm2
767 mm2
96 mm2
767 mm2
Cu Area
Cauer network
Foster network
C's
C's
Units
Tau
Tau
units
1
1.84E-06
1.84E-06
W-s/C
2.99E-07
2.99E-07
sec
2
8.69E-06
8.69E-06
W-s/C
4.40E-06
4.40E-06
sec
3
2.61E-05
2.61E-05
W-s/C
4.62E-05
4.62E-05
sec
4
8.98E-05
8.98E-05
W-s/C
5.08E-04
5.08E-04
sec
5
2.30E-03
2.30E-03
W-s/C
8.93E-03
8.95E-03
sec
6
2.99E-02
3.07E-02
W-s/C
2.04E-01
2.19E-01
sec
7
1.79E-01
1.90E-01
W-s/C
3.26E+00
2.75E+00
sec
8
7.79E-01
9.94E-01
W-s/C
3.21E+01
2.19E+01
sec
9
5.34E+00
3.98E+00
W-s/C
1.24E+02
1.20E+02
sec
R's
R's
R's
R's
1
0.199
0.199
C/W
0.123
0.123
C/W
2
0.598
0.598
C/W
0.349
0.349
C/W
3
1.795
1.795
C/W
1.057
1.057
C/W
4
4.085
4.085
C/W
4.61
4.61
C/W
5
3.977
3.977
C/W
3.87
3.89
C/W
6
7.509
7.833
C/W
5.77
5.99
C/W
7
19.886
15.247
C/W
13.17
11.38
C/W
8
40.307
24.781
C/W
28.85
15.52
C/W
9
18.193
21.446
C/W
38.75
37.05
C/W
NOTE:
Bold face items in the Cauer network above, represent the package without the external thermal system. The Bold face items in
the Foster network are computed by the square root of time constant R(t) = 225 * sqrt(time(sec)). The constant is derived based
on the active area of the device with silicon and epoxy at the interface of the heat generation.
The Cauer networks generally have physical significance and may be divided between nodes to separate thermal behavior
due to one portion of the network from another. The Foster networks, though when sorted by time constant (as above) bear
a rough correlation with the Cauer networks, are really only convenient mathematical models. Cauer networks can be easily
implemented using circuit simulating tools, whereas Foster networks may be more easily implemented using mathematical
tools (for instance, in a spreadsheet program), according to the following formula:
R(t)
+
n
S
i
+ 1
Ri 1-e
-t taui


Similar Part No. - NCV8508

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8508 ONSEMI-NCV8508 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
NCV8508 ONSEMI-NCV8508 Datasheet
89Kb / 12P
   5.0 V, 250 mA LDO with Watchdog and RESET
August, 2004 ??Rev. 20
NCV85081BDS50G ONSEMI-NCV85081BDS50G Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
NCV85081BDS50R4G ONSEMI-NCV85081BDS50R4G Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
NCV85081BPD50R2G ONSEMI-NCV85081BPD50R2G Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
More results

Similar Description - NCV8508

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8508 ONSEMI-NCV8508 Datasheet
89Kb / 12P
   5.0 V, 250 mA LDO with Watchdog and RESET
August, 2004 ??Rev. 20
NCV8508B ONSEMI-NCV8508B Datasheet
223Kb / 22P
   5.0 V and 3.3 V, 250 mA LDO with Watchdog and RESET
March, 2011 ??Rev. 3
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
NCV4263-2C ONSEMI-NCV4263-2C Datasheet
132Kb / 14P
   200 mA LDO Regulator with Enable, Reset & Watchdog
March, 2015 ??Rev. 1
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
logo
Analog Devices
ADP5043 AD-ADP5043 Datasheet
1Mb / 30P
   Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
Rev. C
logo
ON Semiconductor
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
logo
Texas Instruments
TPS77301 TI-TPS77301 Datasheet
355Kb / 23P
[Old version datasheet]   250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
logo
ON Semiconductor
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com