Electronic Components Datasheet Search |
|
5B01 Datasheet(PDF) 3 Page - Analog Devices |
|
5B01 Datasheet(HTML) 3 Page - Analog Devices |
3 / 7 page 5B01 Rev. 0 | Page 3 of 7 5B01 Specifications (typical @ +25°C and Vs =+5 V dc Power) Description Model 5B01 Number of Channels 16 ISOLATION Input-to-Output Continuous Channel-to-Channel Continuous 1500 V rms, Maximum 1500 V rms, Maximum MECHANICAL DIMENSIONS – with modules 3.5” x 17.4” x 3.2” (88.9 mm x 442 mm x 81.3 mm) WEIGHT 11.25 oz. (305 g) MOUNTING STANDOFFS 7 COLD JUNCTION TEMPERATURE SENSORS Number provided on backplane Type Initial Accuracy @ +25 oC Accuracy +5 oC to +45oC 16 Model AC1361 +0.5 oC +0.5 oC (+0.0125oC/oC) SYSTEM I/O CONNECTOR Number Type 2, 26-pin Amp 746290-6 POWER SUPPLY OPTIONS Voltage; Operating Voltage; Max Safe Limit – with modules Current – without modules Fuse; (F1) +5 VDC +5% +6.0 VDC Max. 0 4 Ampere Littlefuse © Type 252 004 Environmental Temperature Range Rated Performance -25°C to +85°C Operating -40°C to +85°C Storage -40°C to +85°C Relative Humidity, 24 hours 0 to 95% @ +60°C noncondensing |
Similar Part No. - 5B01_15 |
|
Similar Description - 5B01_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |