Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD24UM Datasheet(PDF) 6 Page - NEC

Part # RD24UM
Description  ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD24UM Datasheet(HTML) 6 Page - NEC

  RD24UM Datasheet HTML 1Page - NEC RD24UM Datasheet HTML 2Page - NEC RD24UM Datasheet HTML 3Page - NEC RD24UM Datasheet HTML 4Page - NEC RD24UM Datasheet HTML 5Page - NEC RD24UM Datasheet HTML 6Page - NEC RD24UM Datasheet HTML 7Page - NEC RD24UM Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
RD2.0UM to RD39UM
Data Sheet D13562EJ2V0DS00
Fig. 5
TRANSIENT THERMAL IMPEDANCE CHARACTERISTIC
Fig. 6
SURGE REVERSE POWER RATINGS
1m
10m
100m
1
10
100
t – Time – s
P.C.B. (Glass Epoxy)
(30mm
×30 mm×1.6mm)
1000
100
10
1
833
°C/W
1
10
100
1m
10m
100m
t – Pulse Width – s
1000
µ
µµ
tT
Repetitive
TA = 25
°C
100
10
1


Similar Part No. - RD24UM

ManufacturerPart #DatasheetDescription
logo
NEC
RD24UJ NEC-RD24UJ Datasheet
41Kb / 8P
   LOW NOISE SHARP BREAKDOWN CHARACTERISTICS ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
More results

Similar Description - RD24UM

ManufacturerPart #DatasheetDescription
logo
NEC
RD39UJ NEC-RD39UJ Datasheet
41Kb / 8P
   LOW NOISE SHARP BREAKDOWN CHARACTERISTICS ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
RD120S NEC-RD120S Datasheet
54Kb / 12P
   ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
RD47M NEC-RD47M Datasheet
67Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD2.0M NEC-RD2.0M Datasheet
69Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD39MW NEC-RD39MW Datasheet
65Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
logo
Rohm
2SA1037K ROHM-2SA1037K Datasheet
116Kb / 3P
   EPITAXIAL PLANAR SUPER / ULTRA MINI MOLD PNP SILICON TRANSISTORS
logo
NEC
RD4.7P NEC-RD4.7P Datasheet
258Kb / 6P
   1W POWER MINI MOLD ZENER DIODE
2SC5004 NEC-2SC5004 Datasheet
54Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5006-T1-A RENESAS-2SC5006-T1-A Datasheet
242Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
logo
NEC
2SC5010 NEC-2SC5010 Datasheet
61Kb / 10P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com