Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD22M Datasheet(PDF) 5 Page - NEC

Part # RD22M
Description  ZENER DIODES 200 mW 3-PIN MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD22M Datasheet(HTML) 5 Page - NEC

  RD22M Datasheet HTML 1Page - NEC RD22M Datasheet HTML 2Page - NEC RD22M Datasheet HTML 3Page - NEC RD22M Datasheet HTML 4Page - NEC RD22M Datasheet HTML 5Page - NEC RD22M Datasheet HTML 6Page - NEC RD22M Datasheet HTML 7Page - NEC RD22M Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D14716EJ6V0DS00
RD2.0M to RD47M
5
Fig. 3
γ
Z
- VZ CHARACTERISTICS
Fig. 4 ZZ - IZ CHARACTERISTICS
0
100 m
VZ - Zener Voltage - V
(e)
10 m
1 m
100
10
1
100 n
10 n
1 n
µ
µ
µ
15
30
35
40
RD32M RD36M
RD39M
RD43M
RD47M
0.1
IZ - Zener Current - mA
1000
100
10
1
1
10
100
RD2.4M
RD3.0M
RD3.9M
RD4.7M
RD5.1M
TYP.
RD5.6M
RD10M
RD24M
RD20M
RD15M
RD7.5M
RD2.0M
RD39M
VZ - Zener Voltage - V
0.1
8
162432
0.04
0.02
–0.04
–0.06
TYP.
%/
°C
mV/
°C
40
24
8
–8
–24
40
–0.02
0
0.06
0.08
4
12
20283644
32
16
0
–16


Similar Part No. - RD22M

ManufacturerPart #DatasheetDescription
logo
NEC
RD22M NEC-RD22M Datasheet
69Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD22MW NEC-RD22MW Datasheet
65Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
More results

Similar Description - RD22M

ManufacturerPart #DatasheetDescription
logo
NEC
RD39MW NEC-RD39MW Datasheet
65Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD2.0M NEC-RD2.0M Datasheet
69Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD120S NEC-RD120S Datasheet
54Kb / 12P
   ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
RD62Z NEC-RD62Z Datasheet
33Kb / 4P
   ZENER DIODE 200 mW ESD PROTECTION (5 V Signal Line) MINI MOLD
RD39UM NEC-RD39UM Datasheet
63Kb / 8P
   ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
logo
Micro Commercial Compon...
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMXZ5223B MCC-MMXZ5223B_13 Datasheet
375Kb / 5P
   200 mW Zener Diodes 2.7 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
logo
SeCoS Halbleitertechnol...
MMSZ52XXBS SECOS-MMSZ52XXBS Datasheet
81Kb / 4P
   200 mW, SOD-323 Series Surface Mount Zener Diodes
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com