Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS525-01R Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS525-01R
Description  OSCaR??User Configurable Clock
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS525-01R Datasheet(HTML) 8 Page - Integrated Circuit Systems

  ICS525-01R Datasheet HTML 1Page - Integrated Circuit Systems ICS525-01R Datasheet HTML 2Page - Integrated Circuit Systems ICS525-01R Datasheet HTML 3Page - Integrated Circuit Systems ICS525-01R Datasheet HTML 4Page - Integrated Circuit Systems ICS525-01R Datasheet HTML 5Page - Integrated Circuit Systems ICS525-01R Datasheet HTML 6Page - Integrated Circuit Systems ICS525-01R Datasheet HTML 7Page - Integrated Circuit Systems ICS525-01R Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ICS525-01/02
OSCaR™ User Configurable Clock
MDS 525-01/02 I
8
Revision 071100
Printed 11/13/00
Integrated Circuit Systems, Inc. • 525 Race Street •San Jose• CA • 95126•(408) 295-9800tel• www.icst.com
Part/Order Number
Marking
Package
Temperature
ICS525-01R
525-01R
28 pin narrow SSOP
0 to 70 °C
ICS525-01RT
525-01R
28 pin SSOP on tape and reel
0 to 70 °C
ICS525-01RI
525-01RI
28 pin narrow SSOP
-40 to +85 °C
ICS525-01RIT
525-01RI
28 pin SSOP on tape and reel
-40 to +85 °C
ICS525R-02I
ICS525R-02I
28 pin narrow SSOP
-40 to +85 °C
ICS525R-02IT
ICS525R-02I
28 pin SSOP on tape and reel
-40 to +85 °C
Ordering Information
OSCaR is a trademark of Integrated Circuit Systems
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Inc. (ICS) assumes no responsibility for either its use or for
the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use
in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements
are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any
ICS product for use in life support devices or critical medical instruments.
Package Outline and Package Dimensions
(For current dimensional specifications, see JEDEC Publication No. 95.)
b
D
E1
E
e
A1
c
A
L
INDEX
AREA
12
28 pin SSOP
Inchees
Millim
meters
Symbol
Min
Max
Min
Max
A
0.053
0.069
1.35
1.75
A1
0.004
0.010
0.10
0.25
b
0.008
0.012
0.20
0.30
c
0.007
0.010
0.18
0.25
D
0.337
0.344
8.55
8.75
e
.025 BSSC
0.635 B
BSC
E
0.228
0.244
5.80
6.20
E1
0.150
0.157
3.80
4.00
L
0.016
0.050
0.40
1.27


Similar Part No. - ICS525-01R

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525-01R ICST-ICS525-01R Datasheet
181Kb / 9P
   User Configurable Clock
ICS525-01RI ICST-ICS525-01RI Datasheet
181Kb / 9P
   User Configurable Clock
ICS525-01RILF ICST-ICS525-01RILF Datasheet
181Kb / 9P
   User Configurable Clock
ICS525-01RILFT ICST-ICS525-01RILFT Datasheet
181Kb / 9P
   User Configurable Clock
ICS525-01RIT ICST-ICS525-01RIT Datasheet
181Kb / 9P
   User Configurable Clock
More results

Similar Description - ICS525-01R

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525-04 ICST-ICS525-04 Datasheet
154Kb / 7P
   OSCaR-TM User Configurable PECL Clock
logo
Renesas Technology Corp
ICS525-04 RENESAS-ICS525-04 Datasheet
239Kb / 9P
   OSCAR™ USER CONFIGURABLE PECL CLOCK
051310
ICS525-03 RENESAS-ICS525-03 Datasheet
256Kb / 9P
   PECL INPUT OSCAR™ USER CONFIGURABLE CLOCK
010311
logo
Integrated Circuit Syst...
ICS525-03 ICST-ICS525-03 Datasheet
146Kb / 7P
   PECL Input OSCaR-TM USER Configurable Clock
logo
Renesas Technology Corp
525-01 RENESAS-525-01 Datasheet
804Kb / 8P
   USER CONFIGURABLE CLOCK
AUGUST 23, 2021
logo
Integrated Circuit Syst...
ICS525-11 ICST-ICS525-11 Datasheet
181Kb / 9P
   User Configurable Clock
ICS5250708 ICST-ICS5250708 Datasheet
187Kb / 9P
   LVCMOS User Configurable Clock
logo
Renesas Technology Corp
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
   CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
ICS527-01 RENESAS-ICS527-01 Datasheet
280Kb / 12P
   CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
logo
Integrated Circuit Syst...
ICS527-01 ICST-ICS527-01 Datasheet
113Kb / 8P
   Clock Slicer??User Configurable Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com