Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STOD02PUR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STOD02PUR
Description  Dual DC-DC converter for powering AMOLED display
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD02PUR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STOD02PUR Datasheet HTML 2Page - STMicroelectronics STOD02PUR Datasheet HTML 3Page - STMicroelectronics STOD02PUR Datasheet HTML 4Page - STMicroelectronics STOD02PUR Datasheet HTML 5Page - STMicroelectronics STOD02PUR Datasheet HTML 6Page - STMicroelectronics STOD02PUR Datasheet HTML 7Page - STMicroelectronics STOD02PUR Datasheet HTML 8Page - STMicroelectronics STOD02PUR Datasheet HTML 9Page - STMicroelectronics STOD02PUR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Application
STOD02
6/23
Doc ID 15245 Rev 3
4
Application
Figure 3.
Typical application circuit
A
A
Table 5.
Typical external components
Symbol
Parameter
Min.
Typ.
Max.
Unit
L1
Inductor
4.7
µH
L2
Inductor
4.7
µH
CIN
Ceramic capacitor SMD
4.7
µF
C01, C02
Ceramic capacitor SMD
4.7
µF
Cref
Ceramic capacitor SMD
1
µF


Similar Part No. - STOD02PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STOD03A STMICROELECTRONICS-STOD03A Datasheet
496Kb / 22P
   Dual DC-DC converter for powering AMOLED displays
June 2013 Rev 3
STOD03AS STMICROELECTRONICS-STOD03AS Datasheet
696Kb / 25P
   Dual DC-DC converter for powering AMOLED displays
July 2013 Rev 2
STOD03ASTPUR STMICROELECTRONICS-STOD03ASTPUR Datasheet
1Mb / 24P
   Dual DC-DC converter for powering AMOLED displays
STOD03ASTPUR STMICROELECTRONICS-STOD03ASTPUR Datasheet
696Kb / 25P
   Dual DC-DC converter for powering AMOLED displays
July 2013 Rev 2
STOD03ATPUR STMICROELECTRONICS-STOD03ATPUR Datasheet
496Kb / 22P
   Dual DC-DC converter for powering AMOLED displays
More results

Similar Description - STOD02PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0613 STMICROELECTRONICS-UM0613 Datasheet
457Kb / 11P
   Dual DC-DC converter for powering an AMOLED display
STOD03ASTPUR STMICROELECTRONICS-STOD03ASTPUR Datasheet
1Mb / 24P
   Dual DC-DC converter for powering AMOLED displays
STOD03AS STMICROELECTRONICS-STOD03AS Datasheet
696Kb / 25P
   Dual DC-DC converter for powering AMOLED displays
July 2013 Rev 2
STOD03A STMICROELECTRONICS-STOD03A Datasheet
496Kb / 22P
   Dual DC-DC converter for powering AMOLED displays
June 2013 Rev 3
STOD03ATPUR STMICROELECTRONICS-STOD03ATPUR Datasheet
496Kb / 22P
   Dual DC-DC converter for powering AMOLED displays
STOD30 STMICROELECTRONICS-STOD30 Datasheet
239Kb / 8P
   300 mA triple DC-DC converter for powering AMOLED display
January 2014 Rev 1
STOD14 STMICROELECTRONICS-STOD14 Datasheet
699Kb / 22P
   700 mA dual DC-DC converter for powering AMOLED displays
August 2012 Rev 1
STOD13ATPUR STMICROELECTRONICS-STOD13ATPUR Datasheet
928Kb / 24P
   250 mA dual DC-DC converter for powering AMOLED displays
STOD32A STMICROELECTRONICS-STOD32A Datasheet
276Kb / 9P
   300 mA triple DC-DC converter for powering AMOLED displays
July 2014 Rev 1
STOD32W STMICROELECTRONICS-STOD32W Datasheet
245Kb / 7P
   100 mA triple DC-DC converter for powering AMOLED displays
June 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com