Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA1478 Datasheet(PDF) 2 Page - NEC

Part No. UPA1478
Description  NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo NEC - NEC

UPA1478 Datasheet(HTML) 2 Page - NEC

  UPA1478 Datasheet HTML 1Page - NEC UPA1478 Datasheet HTML 2Page - NEC UPA1478 Datasheet HTML 3Page - NEC UPA1478 Datasheet HTML 4Page - NEC UPA1478 Datasheet HTML 5Page - NEC UPA1478 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
µPA1478
2
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Leakage Current
ICBO
10
µA
VCB = 20 V, IE = 0
Emitter Leakage Current
IEBO
1
mA
VEB = 5 V, IC = 0
Collector to Emitter
VCEO(SUS)
27
31
35
V
IC = 1 A,
Sustaining Voltage
L = 3 mH
DC Current Gain
hFE1
*
1000
VCE = 2 V, IC = 0.5 A
DC Current Gain
hFE2
*
2000
30000
VCE = 2 V, IC = 1 A
Collector Saturation Voltage
VCE(sat)
*
1.5
V
IC = 1 A, IB = 1 mA
Base Saturation Voltage
VBE(sat)
*
2
V
IC = 1 A, IB = 1 mA
Turn On Time
ton
0.5
µs
Storage Time
tstg
3
µs
Fall Time
tf
1
µs
* PW
≤ 350
µs, Duty Cycle ≤ 2 % / pulsed
SWITCHING TIME TEST CIRCUIT
IB2
VIN
PW
PW = 50
s
Duty Cycle
≤ 2 %
µ
.
.
VBB = –5 V
.
.
IB1
IC
T.U.T.
RL = 20
VCC = 20 V
.
.
.
.
Base Current
Wave Form
Collector
Current
Wave Form
IB1
IB2
IC
10 %
90 %
ton
tstg
tf
.
.
IC = 1 A
IB1 = –IB2 = 1 mA
VCC = 20 V, RL = 20
See test circuit
.
.
The application circuits and their parameters are for references only and are not intended for use in actual design-in's.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn