Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-51510 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PE-51510
Description  TOROIDAL INDUCTORS High Current
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-51510 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PE-51510 Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REFERENCE OPERATING VALUES
DESIGN CONTROL VALUES
Part
Inductance
IDC
ETOP1
Energy
Inductance
50kHz
DCR
Size
Lead
Number
Typical
(AMPS)
(V-µSec)
Storage
No DC (µH)
Test mV
(
Ω MAX)
Code
Diameter
(µH)2
20kHz
40kHz
(µJ MIN)3
(±20%)
No DC5
(in ±.003)
PE-51506
17.0
17.0
190
130
2460
40.0
140
0.0065
3
0.081
PE-51507
32.0
16.0
290
200
4100
70.7
270
0.0092
4
0.081
PE-51508
60.0
16.0
390
270
7700
120.0
470
0.012
5
0.081
PE-51509
14.0
10.0
135
95
700
28.5
73
0.009
1
0.057
PE-51510
23.0
11.0
170
120
1400
43.5
130
0.012
2
0.057
PE-51511
43.0
10.0
280
195
2150
85.5
210
0.018
3
0.057
PE-51512
90.0
10.0
430
300
4500
158.0
420
0.028
4
0.057
PE-51513
144.0
10.0
570
400
7200
262.0
700
0.032
5
0.057
PE-51514
32.0
6.6
200
140
700
60.5
110
0.025
1
0.040
PE-51515
52.0
7.0
230
160
1275
92.0
190
0.032
2
0.040
PE-51516
98.0
6.0
400
280
1765
188.0
310
0.048
3
0.040
PE-51517
175.0
6.0
620
425
3150
315.0
560
0.068
4
0.040
PE-51518
335.0
6.0
840
580
6030
571.0
1000
0.095
5
0.040
PE-51520
400
3.6
600
420
2700
688.0
640
0.130
3
0.036
NOTES:
1. To prevent excessive temperature rise, limit ETOP to the rated ETOP
specified. This is not a saturation limit. Temperature rise of inductors
is 40°C MAX at MAX current and rated ETOP.
2. A 2:1 nominal inductance swing from no IDC to operating IDC gives
improved protection against current discontinuities at light loading.
Inductance increases with greater ETOP. Reference values occur
at IDC and low flux density.
3. LI2 rating is the ability of the inductor to store energy.
2
4. Design control test voltage is critical. Inductance increases with voltage.
5. RoHS compliant parts are available. Order RoHS compliant parts by adding
the suffix "NL" to the part number (i.e. PE-51506 becomes PE-51506NL).
Mechanical
Schematic
C ± .010
1
PE-515XX
DATE CODE
COUNTRY OF ORIGIN
A MAX
F MIN
D
± .010
H MAX
B MAX
Lead Dia.
(3 PLCs)
E MIN
G MAX
2
3
TOROIDAL INDUCTORS
High Current
Cost-effective designs
Semi-encapsulated construction
Maximum operation temperature of
130°C (Ambient + Rise)
A 2:1 inductance swing from zero to
maximum current
Electrical Specifications @ 25°C
Size
1
234
5
Code
A
1.20/30,48 1.44/36,57 1.60/40,64 1.95/49,53 2.30/58,42
B
0.60/15,24 0.80/20,32 0.80/20,32 0.91/23,11 1.11/28,19
C
0.40/10,16 0.60/15,24 0.60/15,24 0.70/17,78 0.90/22,85
D
0.80/20,32 0.90/22,86 0.90/22,86 1.20/30,48 1.50/38,10
E
0.45/11,43 0.70/17,78 0.70/17,78 0.90/22,86 1.00/25,40
F
0.20/5,08
0.20/5,08
0.20/5,08
0.20/5,08
0.20/5,08
G
.015/0,381 0.03/0,76
0.03/0,76
0.03/0,76
0.03/0,76
H
1.20/30,48 1.44/36,57 1.72/43,68 2.00/50,80 2.30/58,42
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
1
2
No Internal
Connections
3
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Dr.
San Diego, CA 92128
U.S.A.
www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
Tel: 65 6287 8998
Fax: 65 6280 0080
Pulse North Asia
No. 26
Kao Ching Rd.
Yang Mei Chen
Taoyuan Hsien
Taiwan, R. O. C.
Tel: 886 3 4641811
Fax: 886 3 4641911
Pulse China
Headquarters
No. 1
Industrial District
Changan, Dongguan
China
Tel: 86 769 85538070
Fax: 86 769 85538870
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Rd.
Shanghai 200233
China
Tel: 86 21 54643211/2
Fax: 86 21 54643210
Pulse
Europe
Einsteinstrasse 1
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 116
Fax: 49 7032 7806 135
www.pulseeng.com
P589.B (11/06)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2006. Pulse Engineering, Inc. All rights reserved.


Similar Part No. - PE-51510

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-51510 PULSE-PE-51510 Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
PE-51510 PULSE-PE-51510 Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
PE-51510 PULSE-PE-51510 Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
More results

Similar Description - PE-51510

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4551 FILTRAN-CTP4551 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
logo
Bel Fuse Inc.
HCTI-10-20.0 BEL-HCTI-10-20.0 Datasheet
500Kb / 1P
   High Current Toroidal Inductors
logo
Filtran LTD
CTP4549 FILTRAN-CTP4549 Datasheet
60Kb / 1P
   Toroidal Inductors High Current
CTP4550 FILTRAN-CTP4550 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
logo
TT Electronics.
HM54 TTELEC-HM54 Datasheet
779Kb / 3P
   High Current Toroidal Inductors
logo
Filtran LTD
CTP4548 FILTRAN-CTP4548 Datasheet
59Kb / 1P
   Toroidal Inductors High Current
logo
Bi technologies
HM54 BITECH-HM54 Datasheet
1Mb / 3P
   High Current Toroidal Inductors
logo
API Delevan
HCTR API-HCTR Datasheet
4Mb / 2P
   High Current Toroidal Inductors
logo
Datatronic Distribution...
PT12310 DATATRONICS-PT12310 Datasheet
74Kb / 1P
   High Current Toroidal Inductors
logo
Token Electronics Indus...
TCTC1005IR-330-J TOKEN-TCTC1005IR-330-J Datasheet
368Kb / 2P
   TCTC High Current Toroidal Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com