Electronic Components Datasheet Search |
|
SPB-8905ALWG Datasheet(PDF) 1 Page - Optoway Technology Inc |
|
SPB-8905ALWG Datasheet(HTML) 1 Page - Optoway Technology Inc |
1 / 6 page Optoway SPB-8905LWG *********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2008 V2.0 1 SPB-8905LWG / SPB-8905BLWG / SPB-8905ALWG (RoHS Compliant) 1490 nm TX / 1310 nm RX , 3.3V / 4.25 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver ********************************************************************************************************************************************************************** FEATURES l 1-Fiber Bi-Directional SFP Optical Transceiver l Up to 4.25 Gb/s l Compliant with Fibre Channel FC-PI 400/200/100 l Compliant with IEEE 802.3ah-2004 1000BASE-BX l Simplex LC Connector l 1490 nm DFB LD Transmitter l 1310 nm Receiver l Up to 5 km on 9/125 µm SMF l SFF-8472 Digital Diagnostic Function l AC/AC Coupling according to MSA l Single +3.3 V Power Supply l RoHS Compliant l 0 to 70oC Operating: SPB-8905LWG l -10 to 85oC Operating: SPB-8905BLWG l -40 to 85oC Operating: SPB-8905ALWG l Class 1 Laser International Safety Standard IEC 60825 Compliant APPLICATIONS l Fibre Channel Links l WDM Gigabit Ethernet Links l SONET/SDH Equipment Interconnect DESCRIPTION The SPB-8905LWG series is small form factor pluggable module for 4x/2x/1x Fibre Channel and 1000BASE-BX Gigabit Ethernet single fiber communications by using 1490 nm transmitter and 1310 nm receiver. It is with the SFP 20-pin connector to allow hot plug capability. Digital diagnostic functions are available via an I 2C series bus specified in the SFP MSA SFF-8472. The transmitter section uses a multiple quantum well 1490 nm DFB laser and is a class 1 laser compliant according to International Safety Standard IEC 60825. The receiver section uses an integrated 1310 nm detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC. LASER SAFETY This single mode transceiver is a Class 1 laser product. It complies with IEC 60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug. ORDER INFORMATION P/No. Bit Rate (Gb/s) Distance (km) TX (nm) RX (nm) Package Temp ( oC) TX Power (dBm) RX Sens. (dBm) RoHS Compliant SPB-8905LWG 4 / 2 / 1 5 / 10* 1490 DFB 1310 LC SFP with DMI 0 to 70 -3 to -8 -18 Yes SPB-8905BLWG 4 / 2 / 1 5 / 10* 1490 DFB 1310 LC SFP with DMI -10 to 85 -3 to -8 -18 Yes SPB-8905ALWG 4 / 2 / 1 5 / 10* 1490 DFB 1310 LC SFP with DMI -40 to 85 -3 to -8 -18 Yes *: 10km at 1.063/2.125/1.25 Gb/s and 5 km at 4.25 Gb/s. |
Similar Part No. - SPB-8905ALWG |
|
Similar Description - SPB-8905ALWG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |