Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB-7840G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPB-7840G
Description  1250 Mbps Single-Fiber SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-7840G Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPB-7840G Datasheet HTML 1Page - Optoway Technology Inc SPB-7840G Datasheet HTML 2Page - Optoway Technology Inc SPB-7840G Datasheet HTML 3Page - Optoway Technology Inc SPB-7840G Datasheet HTML 4Page - Optoway Technology Inc SPB-7840G Datasheet HTML 5Page - Optoway Technology Inc SPB-7840G Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPB-7840G
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V3.0
1
SPB-7840G / SPB-7840BG / SPB-7840AG
(SC BIDI SFP)
(RoHS Compliant)
SPB-7840LG / SPB-7840BLG / SPB-7840ALG
(LC BIDI SFP)
1310 nm TX / 1490 nm RX , 3.3V / 1250 Mbps Single-Fiber SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l 1-Fiber Bi-Directional SFP Optical Transceiver
l Compliant with IEEE 802.3ah-2004 1000BASE-BX
l Simplex SC Connector: SPB-7840G
l Simplex LC Connector: SPB-7840LG
l 1310 nm DFB LD Transmitter
l 1490 nm Receiver
l Distance Up to 40 km
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating: SPB-7840G
l -10 to 85oC Operating: SPB-7840BG
l -40 to 85oC Operating: SPB-7840AG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l WDM Gigabit Ethernet Links
l SONET/SDH Equipment Interconnect
l Fibre Channel Links
DESCRIPTION
The SPB-7840G series is small form factor pluggable
module for Gigabit Ethernet 1000BASE-BX and Fibre
Channel single fiber communications by using 1310 nm
transmitter and 1490 nm receiver. It is with the SFP 20-pin
connector to allow hot plug capability.
The transmitter
section uses a multiple quantum well 1310 nm DFB laser
and is a class 1 laser compliant according to International
Safety Standard IEC 60825. The receiver section uses an
integrated 1490 nm detector preamplifier (IDP) mounted in
an optical header and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPB-7840G
1.25
40
1310 DFB
1490
SC SFP
0 to 70
2 to -3
-23
Yes
SPB-7840BG
1.25
40
1310 DFB
1490
SC SFP
-10 to 85
2 to -3
-23
Yes
SPB-7840AG
1.25
40
1310 DFB
1490
SC SFP
-40 to 85
2 to -3
-23
Yes
SPB-7840LG
1.25
40
1310 DFB
1490
LC SFP
0 to 70
2 to -3
-23
Yes
SPB-7840BLG
1.25
40
1310 DFB
1490
LC SFP
-10 to 85
2 to -3
-23
Yes
SPB-7840ALG
1.25
40
1310 DFB
1490
LC SFP
-40 to 85
2 to -3
-23
Yes


Similar Part No. - SPB-7840G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-7840G OPTOWAY-SPB-7840G Datasheet
172Kb / 5P
   1310 nm TX / 1490 nm RX , 3.3V / 1250 Mbps Single-Fiber SFP Transceiver
SPB-7840G OPTOWAY-SPB-7840G Datasheet
177Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 1250 Mbps Single-Fiber SFP Transceiver
SPB-7840G OPTOWAY-SPB-7840G_08 Datasheet
177Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 1250 Mbps Single-Fiber SFP Transceiver
SPB-7840G OPTOWAY-SPB-7840G_15 Datasheet
177Kb / 6P
   1250 Mbps Single-Fiber SFP Transceiver
More results

Similar Description - SPB-7840G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-7860G_2015 OPTOWAY-SPB-7860G_2015 Datasheet
177Kb / 6P
   1250 Mbps Single-Fiber SFP Transceiver
SPB-7660G_2015 OPTOWAY-SPB-7660G_2015 Datasheet
178Kb / 6P
   1250 Mbps Single-Fiber SFP Transceiver
SPB-7840G OPTOWAY-SPB-7840G_15 Datasheet
177Kb / 6P
   1250 Mbps Single-Fiber SFP Transceiver
SPB-7720G OPTOWAY-SPB-7720G_15 Datasheet
177Kb / 6P
   1250 Mbps Single-Fiber SFP Transceiver
SPB-77120-1510G OPTOWAY-SPB-77120-1510G_15 Datasheet
178Kb / 6P
   1250 Mbps Single-Fiber SFP Transceiver
SPB-7940G_2015 OPTOWAY-SPB-7940G_2015 Datasheet
177Kb / 6P
   1250 Mbps Single-Fiber SFP Transceiver
SPB-7810G_2015 OPTOWAY-SPB-7810G_2015 Datasheet
177Kb / 6P
   1250 Mbps Single-Fiber SFP Transceiver
SPB-7610G_2015 OPTOWAY-SPB-7610G_2015 Datasheet
177Kb / 6P
   1250 Mbps Single-Fiber SFP Transceiver
SPB-7760G_2015 OPTOWAY-SPB-7760G_2015 Datasheet
177Kb / 6P
   1250 Mbps Single-Fiber SFP Transceiver
SPB-77120-1510G_2015 OPTOWAY-SPB-77120-1510G_2015 Datasheet
178Kb / 6P
   1250 Mbps Single-Fiber SFP Transceiver
SPB-7710G OPTOWAY-SPB-7710G_15 Datasheet
178Kb / 6P
   1250 Mbps Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com