Electronic Components Datasheet Search |
|
EEUFC1C152 Datasheet(PDF) 6 Page - Panasonic Semiconductor |
|
EEUFC1C152 Datasheet(HTML) 6 Page - Panasonic Semiconductor |
6 / 10 page Aluminum Electrolytic Capacitors/FC EE64 Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately. 6800 16 40 3360 0.015 5000 0.80 7.5 EEUFC1C682 100 8200 18 35.5 3680 0.015 5000 0.80 7.5 EEUFC1C822 50 10 4 7 65 2.0 1000 0.45 1.5 5.0 2.5 EEAFC1E100( ) 200 2000 22 5 7 120 0.950 1000 0.45 2.0 5.0 2.5 EEAFC1E220( ) 200 2000 27 4 11 120 1.30 1000 0.45 1.5 5.0 2.5 EEUFC1E270( ) 200 2000 39 5 11 175 0.80 1000 0.50 2.0 5.0 2.5 EEUFC1E390( ) 200 2000 6.3 7 200 0.450 1000 0.45 2.5 5.0 2.5 EEAFC1E390( ) 200 2000 47 5 11 175 0.80 1000 0.50 2.0 5.0 2.5 EEUFC1E470( ) 200 2000 56 5 15 235 0.50 1000 0.50 2.0 5.0 2.5 EEUFC1E560( ) 200 2000 82 6.3 11.2 290 0.350 1000 0.50 2.5 5.0 2.5 EEUFC1E820( ) 200 2000 100 6.3 11.2 290 0.350 1000 0.50 2.5 5.0 2.5 EEUFC1E101S( ) 200 2000 120 6.3 15 400 0.250 1000 0.50 2.5 5.0 2.5 EEUFC1E121( ) 200 2000 180 8 11.5 555 0.117 2000 0.60 3.5 5.0 EEUFC1E181( ) 200 1000 220 8 11.5 555 0.117 2000 0.60 3.5 5.0 EEUFC1E221( ) 200 1000 270 10 12.5 755 0.090 3000 0.60 5.0 5.0 EEUFC1E271( ) 200 500 330 8 15 730 0.085 2000 0.60 3.5 5.0 EEUFC1E331L( ) 200 1000 10 12.5 755 0.090 3000 0.60 5.0 5.0 EEUFC1E331( ) 200 500 390 10 16 1050 0.068 3000 0.60 5.0 5.0 EEUFC1E391( ) 200 500 470 8 20 995 0.065 2000 0.60 3.5 5.0 EEUFC1E471L( ) 200 1000 10 16 1050 0.068 3000 0.60 5.0 5.0 EEUFC1E471( ) 200 500 560 10 20 1220 0.052 3000 0.60 5.0 5.0 EEUFC1E561( ) 200 500 12.5 15 1205 0.065 5000 0.60 5.0 5.0 EEUFC1E561S( ) 200 500 680 10 20 1220 0.052 3000 0.60 5.0 5.0 EEUFC1E681( ) 200 500 820 10 25 1440 0.045 3000 0.60 5.0 5.0 EEUFC1E821( ) 200 500 12.5 20 1655 0.038 5000 0.60 5.0 5.0 EEUFC1E821S( ) 200 500 1000 10 30 1815 0.035 3000 0.60 5.0 EEUFC1E102L 100 12.5 20 1655 0.038 5000 0.60 5.0 5.0 EEUFC1E102( ) 200 500 16 15 1690 0.043 5000 0.80 7.5 7.5 EEUFC1E102S( ) 100 250 1200 12.5 25 1945 0.030 5000 0.60 5.0 5.0 EEUFC1E122( ) 200 500 18 15 2000 0.038 5000 0.80 7.5 7.5 EEUFC1E122S( ) 100 250 1500 12.5 25 1945 0.030 5000 0.60 5.0 5.0 EEUFC1E152( ) 200 500 16 20 2205 0.029 5000 0.80 7.5 7.5 EEUFC1E152S( ) 100 250 1800 12.5 30 2310 0.025 5000 0.80 5.0 EEUFC1E182L 100 16 20 2205 0.029 5000 0.80 7.5 7.5 EEUFC1E182( ) 100 250 2200 12.5 35 2510 0.022 5000 0.80 5.0 EEUFC1E222 100 18 20 2490 0.028 5000 0.80 7.5 7.5 EEUFC1E222S( ) 100 250 2700 16 25 2555 0.022 5000 0.80 7.5 7.5 EEUFC1E272( ) 100 250 3300 16 31.5 3010 0.018 5000 0.80 7.5 EEUFC1E332 100 18 25 2740 0.020 5000 0.80 7.5 7.5 EEUFC1E332S( ) 100 250 3900 16 35.5 3150 0.016 5000 0.80 7.5 EEUFC1E392L 100 18 31.5 3635 0.016 5000 0.80 7.5 EEUFC1E392 50 4700 18 35.5 3680 0.015 5000 0.80 7.5 EEUFC1E472 50 5600 18 40 3735 0.014 5000 0.80 7.5 EEUFC1E562 50 25 16 (mm) (mm) (mm) (pcs) (pcs) (µF) (mm) (mm) (mm) (m A ) ( Ω) (V) (hours) n Lead Space Part No. Specification Dia. Length Taping Case size Cap. (±20%) Lead Dia. W.V. Straight Min.Packaging Q’ ty Standard Products Taping Taping Ripple current (100kHz) (+105 °C) Lead Length Straight Leads Imped- ance (100kHz) (+20 °C) When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5mm, 7.5mm. H=2.5mm. The taping dimensions are explained on p.188 of our Catalog. Please use it as a reference guide. i B i H Endur- ance Mar. 2005 |
Similar Part No. - EEUFC1C152 |
|
Similar Description - EEUFC1C152 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |