Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1000WA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # E1000WA
Description  Industrial Control Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

E1000WA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  E1000WA Datasheet HTML 1Page - List of Unclassifed Manufacturers E1000WA Datasheet HTML 2Page - List of Unclassifed Manufacturers E1000WA Datasheet HTML 3Page - List of Unclassifed Manufacturers E1000WA Datasheet HTML 4Page - List of Unclassifed Manufacturers E1000WA Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Industrial Control Transformers
Contact
Technical Services at (800) 377-4384 with any questions.
Visit our website at www.solahd.com.
178
SBE Series Selection Tables - continued
Group 3 – 240 x 480 Volt Primary, 24 Volt Secondary, 60 Hz
VA
Catalog
Number
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Mtg Width
W1 / W2
in (mm)
Mtg Depth
D1 / D2
in (mm)
Slot Size
in (mm)
Approx.
Ship Weight
lbs (kg)
50
E050D
2.72
(69.1)
3.01
(76.5)
3.99
(101.3)
2.51 / N/A
(63.8 / N/A)
2.02 / N/A
(51.3 / N/A)
.20 x .33
(5.1 x 8.4)
3.0 (1.36)
100
E100D
2.96
(75.2)
3.39
(86.1)
4.61
(117.1)
2.81 / 2.50
(71.4 / 63.5)
2.37 / N/A
(60.2 / N/A)
.20 x .50
(5.1 x 12.7)
5.0 (2.27)
250
E250D
3.89
(98.8)
4.50
(114.3)
5.21
(132.3)
3.74 / 3.12
(95.0 / 79.3)
3.29 / 3.61
(83.6 / 91.7)
.20 x .65
(5.1 x 16.5)
11.0 (5.00)
500
E500D
4.53
(115.1)
5.25
(133.4)
5.75
(146.1)
4.38 / 3.75
(111.3 / 95.3)
4.33 / N/A
(110.0 / N/A)
.31 x .71
(7.9 x 18.0)
19.0 (8.64)
Note: Includes FB2X secondary fuse holder.
Group 4 – 208/240/277 Volt Primary, 120/24 Volt Secondary, 60 Hz
VA
Catalog
Number
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Mtg Width
W1 / W2
in (mm)
Mtg Depth
D1 / D2
in (mm)
Slot Size
in (mm)
Approx.
Ship Weight
lbs (kg)
50
E050JL
2.72
(69.1)
3.01
(76.5)
3.99
(101.3)
2.51 / N/A
(63.8 / N/A)
2.02 / N/A
(51.3 / N/A)
.20 x .33
(5.1 x 8.4)
3.0 (1.36)
100
E100JL
2.96
(75.2)
3.39
(86.1)
4.61
(117.1)
2.81 / 2.50
(71.4 / 63.5)
2.37 / N/A
(60.2 / N/A)
.20 x .50
(5.1 x 12.7)
5.0 (2.27)
250
E250JL
3.89
(98.8)
4.50
(114.3)
5.21
(132.3)
3.74 / 3.12
(95.0 / 79.3)
3.29 / 3.61
(83.6 / 91.7)
.20 x .65
(5.1 x 16.5)
11.0 (5.00)
500
E500JL
4.53
(115.1)
5.25
(133.4)
5.75
(146.1)
4.38 / 3.75
(111.3 / 95.3)
4.33 / N/A
(110.0 / N/A)
.31 x .71
(7.9 x 18.0)
19.0 (8.64)
Note: Will only accept one FB2 secondary fuse holder. Will not accept FB2X secondary fuse holder.
Group 5 – 208/240/480/600 Volt Primary, 120/24 Volt Secondary, 60 Hz
200/230/460/575 Volt Primary, 115/23 Volt Secondary, 60 Hz
VA
Catalog
Number
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Mtg Width
W1 / W2
in (mm)
Mtg Depth
D1 / D2
in (mm)
Slot Size
in (mm)
Approx.
Ship Weight
lbs (kg)
50
E050JN
2.96
(75.2)
3.39
(86.1)
4.36
(110.7)
2.81 / 2.50
(71.4 / 63.5)
2.10 / N/A
(53.3 / N/A)
.20 x .50
(5.1 x 12.7)
4.0 (1.81)
100
E100JN
3.89
(98.8)
4.50
(114.3)
4.48
(113.8)
3.74 / 3.12
(95.0 / 79.3)
2.56 / 2.87
(65.0 / 72.9)
.20 x .65
(5.1 x 16.5)
8.0 (3.67)
150
E150JN
3.89
(98.8)
4.50
(114.3)
5.21
(132.3)
3.74 / 3.12
(95.0 / 79.3)
3.29 / 3.61
(83.6 / 91.7)
.20 x .65
(5.1 x 16.5)
11.0 (5.00)
250
E250JN
4.53
(115.1)
5.25
(133.4)
5.07
(128.8)
4.38 / 3.75
(111.3 / 95.3)
3.54 / N/A
(89.9 / N/A)
.31 x .71
(7.9 x 18.0)
15.0 (6.82)
500
E500JN
5.56
(141.2)
6.38
(162.1)
6.93
(176.0)
5.32 / 4.37
(135.1 / 111.0)
4.25 / 5.75
(108.0 / 146.1)
.31 x .85
(7.9 x 21.6)
30.0 (13.64)
Note: Will only accept one FB2 secondary fuse holder. Will not accept FB2X secondary fuse holder.


Similar Part No. - E1000WA

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E1000 GILWAY-E1000 Datasheet
7Mb / 4P
   Engineering Catalog 169
logo
Shanghai Leiditech Elec...
E1000 LEIDITECH-E1000 Datasheet
186Kb / 1P
   Portable Ethernet lightning protection device
logo
General Cable Technolog...
E1000S GENERAL-E1000S Datasheet
73Kb / 1P
   2C 22 SOLID BC SR-PVC PVC
10/29/2007
More results

Similar Description - E1000WA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E100TF ETC2-E100TF Datasheet
536Kb / 5P
   Industrial Control Transformers
E150TH ETC2-E150TH Datasheet
435Kb / 6P
   Industrial Control Transformers
logo
Nuvotem Talema
SFB0160-230-12 TALEMA-SFB0160-230-12 Datasheet
147Kb / 1P
   Control Panel Transformers
SFB0500-230-12 TALEMA-SFB0500-230-12 Datasheet
151Kb / 1P
   Control Panel Transformers
SFB0320-230-12 TALEMA-SFB0320-230-12 Datasheet
149Kb / 1P
   Control Panel Transformers
SFB0075-230-12 TALEMA-SFB0075-230-12 Datasheet
147Kb / 1P
   Control Panel Transformers
logo
List of Unclassifed Man...
TT2146 ETC2-TT2146 Datasheet
261Kb / 1P
   3 PHASE CONTROL TRANSFORMERS
logo
Bel Fuse Inc.
LDW25 BEL-LDW25 Datasheet
859Kb / 6P
   Industrial Control
LDP200-200 BEL-LDP200-200 Datasheet
680Kb / 4P
   Industrial Control
logo
Abracon Corporation
ASTMUPC ABRACON-ASTMUPC Datasheet
4Mb / 10P
   Industrial control
07.22.15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com