Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUFC1C820 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # EEUFC1C820
Description  Aluminum Electrolytic Capacitors/FC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFC1C820 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button EEUFC1C820 Datasheet HTML 2Page - Panasonic Semiconductor EEUFC1C820 Datasheet HTML 3Page - Panasonic Semiconductor EEUFC1C820 Datasheet HTML 4Page - Panasonic Semiconductor EEUFC1C820 Datasheet HTML 5Page - Panasonic Semiconductor EEUFC1C820 Datasheet HTML 6Page - Panasonic Semiconductor EEUFC1C820 Datasheet HTML 7Page - Panasonic Semiconductor EEUFC1C820 Datasheet HTML 8Page - Panasonic Semiconductor EEUFC1C820 Datasheet HTML 9Page - Panasonic Semiconductor EEUFC1C820 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Aluminum Electrolytic Capacitors/FC
 EE68 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
(pcs)
(pcs)
(mm)
(mm)
5.6
8.2
12
18
22
33
39
56
68
100
120
150
180
220
270
330
390
470
560
680
5
5
6.3
6.3
8
8
10
8
10
10
10
12.5
10
12.5
16
12.5
18
12.5
16
12.5
16
12.5
18
16
18
16
18
16
18
18
11
15
11.2
15
11.5
15
12.5
20
16
20
25
15
30
20
15
25
15
30
20
35
25
40
20
31.5
25
35.5
31.5
40
35.5
40
80
90
114
155
260
340
306
455
400
463
599
511
698
671
793
807
917
937
995
1040
1170
1130
1230
1520
1420
1730
1600
1920
1770
2300
4.1
2.8
1.8
1.1
0.68
0.45
0.53
0.33
0.36
0.24
0.21
0.23
0.15
0.180
0.140
0.110
0.120
0.098
0.110
0.087
0.089
0.072
0.080
0.062
0.070
0.053
0.062
0.047
0.041
0.036
1000
1000
1000
1000
2000
2000
3000
2000
3000
3000
3000
5000
3000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
0.50
0.50
0.50
0.50
0.60
0.60
0.60
0.60
0.60
0.60
0.60
0.60
0.60
0.60
0.80
0.60
0.80
0.60
0.80
0.60
0.80
0.60
0.80
0.80
0.80
0.80
0.80
0.80
0.80
0.80
2.0
2.0
2.5
2.5
3.5
3.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
7.5
5.0
7.5
5.0
7.5
5.0
7.5
5.0
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
7.5
5.0
7.5
7.5
7.5
7.5
7.5
EEUFC2A5R6( )
EEUFC2A8R2( )
EEUFC2A120( )
EEUFC2A180( )
EEUFC2A220( )
EEUFC2A330L( )
EEUFC2A330( )
EEUFC2A390L( )
EEUFC2A390( )
EEUFC2A560( )
EEUFC2A680L( )
EEUFC2A680( )
EEUFC2A101L
EEUFC2A101( )
EEUFC2A121S( )
EEUFC2A151( )
EEUFC2A151S( )
EEUFC2A181L
EEUFC2A181( )
EEUFC2A221L
EEUFC2A221( )
EEUFC2A271L
EEUFC2A271S( )
EEUFC2A331
EEUFC2A331S( )
EEUFC2A391L
EEUFC2A391
EEUFC2A471
EEUFC2A561
EEUFC2A681
200
200
200
200
200
200
200
200
200
200
200
200
100
200
100
200
100
100
100
100
100
100
100
100
100
100
50
100
50
50
2000
2000
2000
2000
1000
1000
500
1000
500
500
500
500
500
250
500
250
250
100
250
250
100
2.5
2.5
2.5
2.5
(mm) (mm)
(mm)
(µF)
(mm)
(m A )
(
Ω)
(V)
(hours)
n
Lead Space
Part No.
Specification
Dia. Length
Taping
Case size
Cap.
(±20%)
Lead
Dia.
W.V.
Straight
Min.PackagingQ’ ty
Standard Products
Taping
Taping
Ripple
current
(100kHz)
(+105
°C)
Lead Length
Straight
Leads
Imped-
ance
(100kHz)
(+20
°C)
Endur-
ance
When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch B=5mm, 7.5mm. H=2.5mm.
The taping dimensions are explained on p.188 of our Catalog. Please use it as a reference guide.
Mar. 2005


Similar Part No. - EEUFC1C820

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFC1C820 PANASONIC-EEUFC1C820 Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEUFC1C820 PANASONIC-EEUFC1C820 Datasheet
238Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
logo
Pacific Silicon Sensor,...
EEUFC1C820 PACIFIC-EEUFC1C820 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
logo
Panasonic Semiconductor
EEUFC1C820 PANASONIC-EEUFC1C820 Datasheet
219Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1C820 PANASONIC-EEUFC1C820 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
More results

Similar Description - EEUFC1C820

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-FC0J682 PANASONIC-EEU-FC0J682 Datasheet
219Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC0J680 PANASONIC-EEUFC0J680 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC2A330 PANASONIC-EEU-FC2A330 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1V681 PANASONIC-EEU-FC1V681 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEUFC1A272S PANASONIC-EEUFC1A272S Datasheet
238Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1C222 PANASONIC-EEU-FC1C222 Datasheet
208Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEAFC0J270 PANASONIC-EEAFC0J270 Datasheet
94Kb / 9P
   Aluminum Electrolytic Capacitors/FC
EEUFC0J272L PANASONIC-EEUFC0J272L Datasheet
219Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
EEE-FC1V331P PANASONIC-EEE-FC1V331P Datasheet
81Kb / 2P
   Aluminum Electrolytic Capacitors/ FC
EEE-FC1H101P PANASONIC-EEE-FC1H101P Datasheet
129Kb / 2P
   Aluminum Electrolytic Capacitors/ FC
EEU-FC1V271 PANASONIC-EEU-FC1V271 Datasheet
216Kb / 10P
   Aluminum Electrolytic Capacitors/ FC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com