Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY51V18163HGT-6 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY51V18163HGT-6
Description  1M x 16Bit EDO DRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY51V18163HGT-6 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY51V18163HGT-6 Datasheet HTML 1Page - Hynix Semiconductor HY51V18163HGT-6 Datasheet HTML 2Page - Hynix Semiconductor HY51V18163HGT-6 Datasheet HTML 3Page - Hynix Semiconductor HY51V18163HGT-6 Datasheet HTML 4Page - Hynix Semiconductor HY51V18163HGT-6 Datasheet HTML 5Page - Hynix Semiconductor HY51V18163HGT-6 Datasheet HTML 6Page - Hynix Semiconductor HY51V18163HGT-6 Datasheet HTML 7Page - Hynix Semiconductor HY51V18163HGT-6 Datasheet HTML 8Page - Hynix Semiconductor HY51V18163HGT-6 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HY51V(S)18163HG/HGL
Rev.0.1/Apr.01
4
Truth Table
Notes :
1. H : High ( inactive) L : Low ( active)
D : H or L
2. tWCS >= 0ns
Early write cycle
twcs < 0ns
Delayed write cycle
3. Mode is determined by the OR function of the /UCAS and /LCAS (mode is set by earliest of /UCAS and /LCAS
active edge and reset by the latest of /UCAS and /LCAS inactive edge), However write operation and output
High-Z control are done independently by each /UCAS, /LCAS
ex) if /RAS = H to L, /UCAS = H, /LCAS = L, then /CAS-before-/RAS refresh cycle is selected
/RAS
/LCAS
/UCAS
/WE
/OE
Output
Operation
Notes
H
D
D
D
D
Open
Standby
1 ,3
L
L
H
H
L
Valid
Lower byte
Read cycle
1, 3
L
H
L
H
L
Valid
Upper byte
L
L
L
H
L
Valid
Word
L
L
H
L
D
Open
Lower byte
Early write cycle
1, 2, 3
L
H
L
L
D
Open
Upper byte
L
L
L
L
D
Open
Word
L
L
H
L
H
Undefined
Lower byte
Delayed write cycle
1, 2, 3
L
H
L
L
H
Undefined
Upper byte
L
L
L
L
H
Undefined
Word
L
L
H
H to L
L to H
Valid
Lower byte
Read-modify-write
Cycle
1, 3
L
H
L
H to L
L to H
Valid
Upper byte
L
L
L
H to L
L to H
Valid
Word
H to L
H
L
D
D
Open
Word
CBR refresh
or
Self refresh
(L-series)
1, 3
H to L
L
H
D
D
Open
Word
H to L
L
L
D
D
Open
Word
L
H
H
D
D
Open
Word
/RAS only refresh
cycle
1, 3
L
L
L
H
H
Open
Read cycle
(Output disabled)
1, 3


Similar Part No. - HY51V18163HGT-6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY51V65163HG HYNIX-HY51V65163HG Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
HY51V65163HGJ-45 HYNIX-HY51V65163HGJ-45 Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
HY51V65163HGJ-5 HYNIX-HY51V65163HGJ-5 Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
HY51V65163HGJ-6 HYNIX-HY51V65163HGJ-6 Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
HY51V65163HGT-45 HYNIX-HY51V65163HGT-45 Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
More results

Similar Description - HY51V18163HGT-6

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY51VS65163HG HYNIX-HY51VS65163HG Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
logo
Elite Semiconductor Mem...
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A_1 Datasheet
786Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A Datasheet
770Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52D32162A ESMT-M52D32162A Datasheet
767Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A ESMT-M12L32162A_09 Datasheet
761Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A_0712 ESMT-M12L32162A_0712 Datasheet
693Kb / 28P
   1M x 16Bit x 2Banks Synchronous DRAM
logo
Siemens Semiconductor G...
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
logo
Samsung semiconductor
KM416S4030C SAMSUNG-KM416S4030C Datasheet
124Kb / 11P
   1M x 16Bit x 4 Banks Synchronous DRAM
logo
List of Unclassifed Man...
AS4LC1M16E5 ETC-AS4LC1M16E5 Datasheet
604Kb / 22P
   3V 1M X 6 CMOS DRAM (EDO)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com