Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY57V161610ETP-I Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HY57V161610ETP-I
Description  2 Banks x 512K x 16 Bit Synchronous DRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V161610ETP-I Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HY57V161610ETP-I Datasheet HTML 5Page - Hynix Semiconductor HY57V161610ETP-I Datasheet HTML 6Page - Hynix Semiconductor HY57V161610ETP-I Datasheet HTML 7Page - Hynix Semiconductor HY57V161610ETP-I Datasheet HTML 8Page - Hynix Semiconductor HY57V161610ETP-I Datasheet HTML 9Page - Hynix Semiconductor HY57V161610ETP-I Datasheet HTML 10Page - Hynix Semiconductor HY57V161610ETP-I Datasheet HTML 11Page - Hynix Semiconductor HY57V161610ETP-I Datasheet HTML 12Page - Hynix Semiconductor HY57V161610ETP-I Datasheet HTML 13Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
HY57V161610ETP-I
Rev. 0.1 / Nov. 2003
10
AC CHARACTERISTICS (TA=-40°C to 85°C, VDD=3.0V to 3.6V, VSS=0VNote1,2)
- continued -
Note :
1. VDD(min) is 3.15V when HY57V161610ETP-7I operates at CAS latency=2 and tCK2=8.9ns.
2.VDD(min) of HY57V161610ETP-5I/55I is 3.15V
3. A new command can be given tRRC after self refresh exit.
DEVICE OPERATING OPTION TABLE
HY57V161610ETP-5I
Paramter
Symbol
-8I
-10I
-15I
Unit
Note
Min
Max
Min
Max
Min
Max
RAS cycle time
Operation
tRC
70
-
70
-
70
-
ns
Auto Refresh
tRRC
70
-
80
-
80
-
ns
RAS to CAS delay
tRCD
20
-
20
-
20
-
ns
RAS active time
tRAS
45
100K
45
100K
45
100K
ns
RAS precharge time
tRP
3
-
2
-
2
-
CLK
RAS to RAS bank active delay
tRRD
2
-
2
-
2
-
CLK
CAS to CAS bank active delay
tCCD
1
-
1
-
1
-
CLK
Write command to data-in delay
tWTL
0
-
0
-
0
-
CLK
Data-in to precharge command
tDPL
1
-
1
-
1
-
CLK
Data-in to active command
tDAL
4
-
3
-
3
-
CLK
DQM to data-in Hi-Z
tDQZ
2
-
2
-
2
-
CLK
DQM to data mask
tDQM
0
-
0
-
0
-
CLK
MRS to new command
tMRD
2
-
2
-
2
-
CLK
Precharge to data output Hi-Z
tPROZ
3
-
3
-
3
-
CLK
Power down exit time
tPDE
1
-
1
-
1
-
CLK
Self refresh exit time
tSRE
1
-
1
-
1
-
CLK
3
Refresh Time
tREF
64
-
64
-
64
-
ms
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
200MHz
3CLKs
3CLKs
8CLKs
11CLKs
3CLKs
4.5ns
1.5ns
183MHz
3CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5ns
2ns
166MHz
3CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5.5ns
2ns


Similar Part No. - HY57V161610ETP-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V161610ET-10 HYNIX-HY57V161610ET-10 Datasheet
181Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610ET-10I HYNIX-HY57V161610ET-10I Datasheet
482Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610ET-15 HYNIX-HY57V161610ET-15 Datasheet
181Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610ET-15I HYNIX-HY57V161610ET-15I Datasheet
482Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610ET-5 HYNIX-HY57V161610ET-5 Datasheet
181Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
More results

Similar Description - HY57V161610ETP-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V161610D HYNIX-HY57V161610D Datasheet
73Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
AMIC Technology
A43L0616B AMICC-A43L0616B Datasheet
585Kb / 48P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616B AMICC-A43L0616B Datasheet
1Mb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616A AMICC-A43L0616A Datasheet
1,011Kb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY67V161610D HYNIX-HY67V161610D Datasheet
75Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
AMIC Technology
A43E06161 AMICC-A43E06161 Datasheet
1Mb / 46P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
A-Data Technology
VDS4616A4A A-DATA-VDS4616A4A Datasheet
542Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
Hynix Semiconductor
HY57V161610ET-I HYNIX-HY57V161610ET-I Datasheet
482Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610D-I HYNIX-HY57V161610D-I Datasheet
574Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com