Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY57V161610D Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY57V161610D
Description  2 Banks x 512K x 16 Bit Synchronous DRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V161610D Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY57V161610D Datasheet HTML 1Page - Hynix Semiconductor HY57V161610D Datasheet HTML 2Page - Hynix Semiconductor HY57V161610D Datasheet HTML 3Page - Hynix Semiconductor HY57V161610D Datasheet HTML 4Page - Hynix Semiconductor HY57V161610D Datasheet HTML 5Page - Hynix Semiconductor HY57V161610D Datasheet HTML 6Page - Hynix Semiconductor HY57V161610D Datasheet HTML 7Page - Hynix Semiconductor HY57V161610D Datasheet HTML 8Page - Hynix Semiconductor HY57V161610D Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HY57V161610D
Rev. 4.0/Aug. 02
4
ABSOLUTE MAXIMUM RATINGS
Note : Operation at above absolute maximum rating can adversely affect device reliability.
DC OPERATING CONDITION (TA=0°C to 70°C)
Note :
1.All voltages are referenced to VSS = 0V.
2.VDD(min) is 3.15V when HY57V161610DTC-7 operates at CAS latency=2
3.VDD(min) of HY57V161610DTC-5/55 is 3.15V
4.VIH(max) is acceptable 4.6V AC pulse width with
≤ 10ns of duration.
5.VIL(min) is acceptable -1.5V AC pulse width with
≤ 10ns of duration.
AC OPERATING CONDITION (TA=0°C to 70°C, VDD=3.0V to 3.6V, VSS=0V)
Note :
1. Output load to measure access times is equivalent to two TTL gates and one capacitance(30pF).
For details, refer to AC/DC output load circuit.
2. VDD(min) is 3.15V when HY57V161610DTC-7 operates at CAS latency=2 and tCK2=8.9ns
3. VDD(min) of HY57V161610DTC-5/55 is 3.15V‘
Parameter
Symbol
Rating
Unit
Ambient Temperature
TA
0 ~ 70
°C
Storage Temperature
TSTG
-55 ~ 125
°C
Voltage on Any Pin relative to VSS
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VDD relative to VSS
VDD
-1.0 ~ 4.6
V
Short Circuit Output Current
IOS
50
mA
Power Dissipation
PD
1W
Soldering Temperature·Time
TSOLDER
260·10
°C ·Sec
Parameter
Symbol
Min
Typ.
Max
Unit
Note
Power Supply Voltage
VDD, VDDQ
3.0
3.3
3.6
V
1, 2, 3
Input high voltage
VIH
2.0
3.0
VDD + 0.3
V
1, 4
Input low voltage
VIL
-0.5
0
0.8
V
1, 5
Parameter
Symbol
Value
Unit
Note
AC input high / low level voltage
VIH / VIL
2.4/0.4
V
Input timing measurement reference level voltage
Vtrip
1.4
V
Input rise / fall time
tR / tF
1
ns
Output timing measurement reference level
Voutref
1.4
V
Output load capacitance for access time measurement
CL
30
pF
1


Similar Part No. - HY57V161610D

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V161610D-I HYNIX-HY57V161610D-I Datasheet
574Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610DTC-10I HYNIX-HY57V161610DTC-10I Datasheet
574Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610DTC-55I HYNIX-HY57V161610DTC-55I Datasheet
574Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610DTC-6I HYNIX-HY57V161610DTC-6I Datasheet
574Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610DTC-7I HYNIX-HY57V161610DTC-7I Datasheet
574Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
More results

Similar Description - HY57V161610D

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
AMIC Technology
A43L0616B AMICC-A43L0616B Datasheet
585Kb / 48P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616B AMICC-A43L0616B Datasheet
1Mb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616A AMICC-A43L0616A Datasheet
1,011Kb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY67V161610D HYNIX-HY67V161610D Datasheet
75Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
AMIC Technology
A43E06161 AMICC-A43E06161 Datasheet
1Mb / 46P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
A-Data Technology
VDS4616A4A A-DATA-VDS4616A4A Datasheet
542Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
Hynix Semiconductor
HY57V161610ET-I HYNIX-HY57V161610ET-I Datasheet
482Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610D-I HYNIX-HY57V161610D-I Datasheet
574Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610ETP-I HYNIX-HY57V161610ETP-I Datasheet
215Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com