Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT34C02C Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT34C02C
Description  Hardware Write Protection for the Entire Array
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02C Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT34C02C_14 Datasheet HTML 5Page - ATMEL Corporation AT34C02C_14 Datasheet HTML 6Page - ATMEL Corporation AT34C02C_14 Datasheet HTML 7Page - ATMEL Corporation AT34C02C_14 Datasheet HTML 8Page - ATMEL Corporation AT34C02C_14 Datasheet HTML 9Page - ATMEL Corporation AT34C02C_14 Datasheet HTML 10Page - ATMEL Corporation AT34C02C_14 Datasheet HTML 11Page - ATMEL Corporation AT34C02C_14 Datasheet HTML 12Page - ATMEL Corporation AT34C02C_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
5242B–SEEPR–01/09
AT34C02C
Table 6. Write Protection
Table 7. VHV
Note:
VHV - VCC > 4.8V
Table 8. WP Connected to GND or Floating
Pin
Preamble
RW
Command
A2
A1
A0
B7
B6
B5
B4
B3
B2
B1
B0
Set PSWP
A2
A1
A0
0
1
1
0
A2
A1
A0
0
Set RSWP
00
VHV
0
11
00
0
1
0
Clear RSWP
01
VHV
0
11
00
1
1
0
Min
Max
Units
VHV
7
10
V
WP Connected to GND or Floating
Command
R/W Bit
Permanent Write
Protect Register
PSWP
Reversible Write
Protect Register
RSWP
Acknowledgment
from Device
Action from Device
1010
R
X
X
ACK
1010
W
Programmed
X
ACK
Can write to second Half (80H - FFH) only
1010
W
X
Programmed
ACK
Can write to second Half (80H - FFH) only
1010
W
Not Programmed
Not Programmed
ACK
Can write to full array
Read PSWP
R
Programmed
X
No ACK
STOP - Indicates permanent write protect register is
programmed
Read PSWP
R
Not Programmed
X
ACK
Read out data don't care. Indicates PSWP register
is not programmed
Set PSWP
W
Programmed
X
No ACK
STOP - Indicates permanent write protect register is
programmed
Set PSWP
W
Not Programmed
X
ACK
Program permanent write protect register
(irreversible)
Read RSWP
R
X
Programmed
No ACK
STOP - Indicates reversible write protect register is
programmed
Read RSWP
R
X
Not Programmed
ACK
Read out data don't care. Indicates RSWP register
is not programmed
Set RSWP
W
X
Programmed
No ACK
STOP - Indicates reversible write protect register is
programmed


Similar Part No. - AT34C02C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02C-TH-B ATMEL-AT34C02C-TH-B Datasheet
658Kb / 25P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
AT34C02C-TH-T ATMEL-AT34C02C-TH-T Datasheet
658Kb / 25P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
AT34C02C-TP25-B ATMEL-AT34C02C-TP25-B Datasheet
412Kb / 18P
   Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C-TP25-T ATMEL-AT34C02C-TP25-T Datasheet
412Kb / 18P
   Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02CN-SH-B ATMEL-AT34C02CN-SH-B Datasheet
658Kb / 25P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
More results

Similar Description - AT34C02C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02B ATMEL-AT34C02B_14 Datasheet
478Kb / 21P
   Hardware Write Protection for the Entire Array
AT34C02 ATMEL-AT34C02_14 Datasheet
496Kb / 21P
   Permanent Software Write Protection for the First-half of the Array
AT24HC04B ATMEL-AT24HC04B_14 Datasheet
706Kb / 18P
   Write Protect Pin for Hardware Data Protection
AT24C04AN-10SU-1.8 ATMEL-AT24C04AN-10SU-1.8 Datasheet
194Kb / 21P
   Write Protect Pin for Hardware Data Protection
AT24C02A ATMEL-AT24C02A_14 Datasheet
563Kb / 16P
   Write Protect Pin for Hardware Data Protection
AT24C16A ATMEL-AT24C16A_14 Datasheet
257Kb / 20P
   Write Protect Pin for Hardware Data Protection
AT24C32A ATMEL-AT24C32A_14 Datasheet
228Kb / 18P
   Write Protect Pin for Hardware Data Protection
AT24C128 ATMEL-AT24C128_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
AT24C256 ATMEL-AT24C256_14 Datasheet
149Kb / 17P
   Write Protect Pin for Hardware and Software Data Protection
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com