Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C512B Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT24C512B
Description  Schmitt Triggers, Filtered Inputs for Noise Suppression
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C512B Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT24C512B_14 Datasheet HTML 16Page - ATMEL Corporation AT24C512B_14 Datasheet HTML 17Page - ATMEL Corporation AT24C512B_14 Datasheet HTML 18Page - ATMEL Corporation AT24C512B_14 Datasheet HTML 19Page - ATMEL Corporation AT24C512B_14 Datasheet HTML 20Page - ATMEL Corporation AT24C512B_14 Datasheet HTML 21Page - ATMEL Corporation AT24C512B_14 Datasheet HTML 22Page - ATMEL Corporation AT24C512B_14 Datasheet HTML 23Page - ATMEL Corporation AT24C512B_14 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
20
5297A–SEEPR–1/08
AT24C512B
8S1 – JEDEC SOIC
1150 E. Cheyenne Mtn. Blvd.
Colorado Springs, CO 80906
TITLE
DRAWING NO.
R
REV.
Note:
10/7/03
8S1, 8-lead (0.150" Wide Body), Plastic Gull Wing
Small Outline (JEDEC SOIC)
8S1
B
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A1
0.10
0.25
These drawings are for general information only. Refer to JEDEC Drawing MS-012, Variation AA for proper dimensions, tolerances, datums, etc.
A
1.35
1.75
B
0.31
0.51
C
0.17
0.25
D
4.80
5.00
E1
3.81
3.99
E
5.79
6.20
e
1.27 BSC
L
0.40
1.27
Top View
End View
Side View
e
B
D
A
A1
N
E
1
C
E1
L


Similar Part No. - AT24C512B_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C512B-10PU-1.8 ATMEL-AT24C512B-10PU-1.8 Datasheet
350Kb / 18P
   Two-wire Serial EEPROM 512K (65,536 x 8) with Three Device Address Inputs
AT24C512B-10TU-1.8 ATMEL-AT24C512B-10TU-1.8 Datasheet
350Kb / 18P
   Two-wire Serial EEPROM 512K (65,536 x 8) with Three Device Address Inputs
AT24C512BC1-10CU-1.8 ATMEL-AT24C512BC1-10CU-1.8 Datasheet
350Kb / 18P
   Two-wire Serial EEPROM 512K (65,536 x 8) with Three Device Address Inputs
More results

Similar Description - AT24C512B_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C1024B ATMEL-AT24C1024B_14 Datasheet
1Mb / 25P
   Schmitt Triggers, Filtered Inputs for Noise Suppression
AT24C1024 ATMEL-AT24C1024_14 Datasheet
495Kb / 19P
   Schmitt Triggers, Filtered Inputs for Noise Suppression
AT24C1024SC ATMEL-AT24C1024SC_14 Datasheet
213Kb / 14P
   Schmitt Triggers, Filtered Inputs for Noise Suppression
AT24C04 ATMEL-AT24C04_14 Datasheet
302Kb / 19P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C16 ATMEL-AT24C16_14 Datasheet
302Kb / 19P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C16SC ATMEL-AT24C16SC_14 Datasheet
254Kb / 14P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C32SC ATMEL-AT24C32SC_14 Datasheet
216Kb / 13P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C04A ATMEL-AT24C04A_14 Datasheet
598Kb / 16P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C01B ATMEL-AT24C01B_14 Datasheet
526Kb / 25P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
AT24C08A ATMEL-AT24C08A_14 Datasheet
257Kb / 20P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com