Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HY51VS65163HG Datasheet(PDF) 3 Page - Hynix Semiconductor

Part No. HY51VS65163HG
Description  4M x 16Bit EDO DRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY51VS65163HG Datasheet(HTML) 3 Page - Hynix Semiconductor

  HY51VS65163HG Datasheet HTML 1Page - Hynix Semiconductor HY51VS65163HG Datasheet HTML 2Page - Hynix Semiconductor HY51VS65163HG Datasheet HTML 3Page - Hynix Semiconductor HY51VS65163HG Datasheet HTML 4Page - Hynix Semiconductor HY51VS65163HG Datasheet HTML 5Page - Hynix Semiconductor HY51VS65163HG Datasheet HTML 6Page - Hynix Semiconductor HY51VS65163HG Datasheet HTML 7Page - Hynix Semiconductor HY51VS65163HG Datasheet HTML 8Page - Hynix Semiconductor HY51VS65163HG Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HY51V(S)65163HG/HGL
Rev.0.1/Apr.01
3
ABSOLUTE MAXIMUM RATINGS
Note : Operation at above absolute maximum rating can adversely affect device reliability.
Recommended DC OPERATING CONDITIONS (TA=0 to 70 oC)
Note : All voltages are referenced to Vss
1. 6.0V at pulse width 10ns which is measured at Vcc
2. -0.1V at pulse width 10ns which is measured at Vss
Parameter
Symbol
Rating
Unit
Ambient Temperature
TA
0 ~ 70
oC
Storage Temperature
TSTG
-55 ~ 125
oC
Voltage on Any Pin relative to Vss
VT
-0.5 ~ Vcc + 0.5
(Max 4.6V)
V
Voltage on Vcc relative to Vss
Vcc
-0.5 ~ 4.6
V
Short Circuit Output Current
IOUT
50
mA
Power Dissipation
PT
1
W
Parameter
Symbol
Min
Typ.
Max
Unit
Note
Power Supply Voltage
Vcc
3.0
3.3
3.6
V
1,2
Power Supply Voltage
Vss
0
0
0
V
2
Input High Voltage
VIH
2.0
-
Vcc + 0.3
V
1
Input Low Voltage
VIL
-0.3
-
0.8
V
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn