Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HY51VS65163HG Datasheet(PDF) 2 Page - Hynix Semiconductor

Part No. HY51VS65163HG
Description  4M x 16Bit EDO DRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY51VS65163HG Datasheet(HTML) 2 Page - Hynix Semiconductor

  HY51VS65163HG Datasheet HTML 1Page - Hynix Semiconductor HY51VS65163HG Datasheet HTML 2Page - Hynix Semiconductor HY51VS65163HG Datasheet HTML 3Page - Hynix Semiconductor HY51VS65163HG Datasheet HTML 4Page - Hynix Semiconductor HY51VS65163HG Datasheet HTML 5Page - Hynix Semiconductor HY51VS65163HG Datasheet HTML 6Page - Hynix Semiconductor HY51VS65163HG Datasheet HTML 7Page - Hynix Semiconductor HY51VS65163HG Datasheet HTML 8Page - Hynix Semiconductor HY51VS65163HG Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HY51V(S)65163HG/HGL
Rev.0.1/Apr.01
2
PIN CONFIGURATION
Pin
Function
/RAS
Row Address Strobe
/UCAS, /LCAS
Column Address Strobe
/WE
Write Enable
/OE
Output Enable
A0-A11
Address Inputs
A0-A11
Refresh Address Inputs
I/O 0- I/O15
Data Input / Output
Vcc
Power (3.3V)
Vss
Ground
NC
No connection
PIN DESCRIPTION
1
VCC
2
IO0
3
IO1
IO2
4
5
IO3
6
7
12
VCC
13
/WE
VCC
IO4
11
NC
10
IO7
9
IO6
8
IO5
14
/RAS
15
NC
16
NC
NC
17
18
NC
19
20
25
VCC
A0
A1
24
A5
23
A4
22
A3
21
A2
50
VSS
49
IO15
48
IO14
IO13
47
46
IO12
45
44
39
VSS
38
/LCAS
VSS
IO11
40
NC
41
IO8
42
IO9
43
IO10
37 /UCAS
36
/OE
35
NC
NC
34
33
NC
32
31
26
VSS
A11
A10
27
A6
28
A7
29
A8
30
A9
50 Pin Plastic SOJ / TSOP-II


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn