Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HY51VS18163HG Datasheet(PDF) 3 Page - Hynix Semiconductor

Part No. HY51VS18163HG
Description  1M x 16Bit EDO DRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY51VS18163HG Datasheet(HTML) 3 Page - Hynix Semiconductor

  HY51VS18163HG Datasheet HTML 1Page - Hynix Semiconductor HY51VS18163HG Datasheet HTML 2Page - Hynix Semiconductor HY51VS18163HG Datasheet HTML 3Page - Hynix Semiconductor HY51VS18163HG Datasheet HTML 4Page - Hynix Semiconductor HY51VS18163HG Datasheet HTML 5Page - Hynix Semiconductor HY51VS18163HG Datasheet HTML 6Page - Hynix Semiconductor HY51VS18163HG Datasheet HTML 7Page - Hynix Semiconductor HY51VS18163HG Datasheet HTML 8Page - Hynix Semiconductor HY51VS18163HG Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
HY51V(S)18163HG/HGL
Rev.0.1/Apr.01
3
ABSOLUTE MAXIMUM RATINGS
Note : Operation at or above absolute Maximum Ratings can adversely affect device reliability
Recommended DC OPERATING CONDITIONS (TA=0 to 70 oC)
Note : All voltages are referenced to Vss
The supply voltage with all Vcc pins must be on the same level. The supply voltage with all Vss pins must be on the same level
Parameter
Symbol
Rating
Unit
Ambient Temperature
TA
0 ~ 70
oC
Storage Temperature
TSTG
-55 ~ 125
oC
Voltage on Any Pin relative to Vss
VT
-0.5 ~ Vcc + 0.5
(Max 4.6V)
V
Voltage on Vcc relative to Vss
Vcc
-0.5 ~ 4.6
V
Short Circuit Output Current
IOUT
50
mA
Power Dissipation
PT
1
W
Parameter
Symbol
Min
Typ.
Max
Unit
Note
Power Supply Voltage
Vcc
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
-
Vcc + 0.3
V
Input Low Voltage
VIL
-0.3
-
0.8
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn