Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY51VS18163HG Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # HY51VS18163HG
Description  1M x 16Bit EDO DRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY51VS18163HG Datasheet(HTML) 1 Page - Hynix Semiconductor

  HY51VS18163HG Datasheet HTML 1Page - Hynix Semiconductor HY51VS18163HG Datasheet HTML 2Page - Hynix Semiconductor HY51VS18163HG Datasheet HTML 3Page - Hynix Semiconductor HY51VS18163HG Datasheet HTML 4Page - Hynix Semiconductor HY51VS18163HG Datasheet HTML 5Page - Hynix Semiconductor HY51VS18163HG Datasheet HTML 6Page - Hynix Semiconductor HY51VS18163HG Datasheet HTML 7Page - Hynix Semiconductor HY51VS18163HG Datasheet HTML 8Page - Hynix Semiconductor HY51VS18163HG Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HY51V(S)18163HG/HGL
1M x 16Bit EDO DRAM
This document is a general product description and is subject to change without notice. Hyundai Electronics does not assume any
responsibility for use of circuits described. No patent licenses are implied.
Rev.0.1/Apr.01
DESCRIPTION
FEATURES
Fast access time and cycle time
ORDERING INFORMATION
Part No
tRAC
tCAC
tRC
tHPC
HY51V(S)18163HG/HGL-5
50ns
13ns
84ns
20ns
HY51V(S)18163HG/HGL-6
60ns
15ns
104ns
25ns
HY51V(S)18163HG/HGL-7
70ns
18ns
124ns
30ns
50ns
60ns
70ns
Active
684mW
612mW
540mW
Standby
7.2mW(CMOS level Max)
0.83mW (L-version : Max)
Part Number
Access Time
Package
HY51V(S)18163HGJ/HG(L)J-5
HY51V(S)18163HGJ/HG(L)J-6
HY51V(S)18163HGJ/HG(L)J-7
50ns
60ns
70ns
400mil 42pin SOJ
HY51V(S)18163HGT/HG(L)T-5
HY51V(S)18163HGT/HG(L)T-6
HY51V(S)18163HGT/HG(L)T-7
50ns
60ns
70ns
400mil 44(50)pin TSOP-II
PRELIMINARY
The HY51V(S)18163HG/HGL is the new generation dynamic RAM organized 1,048,576 words x 16bit.
HY51V(S)18163HG/HGL has realized higher density, higher performance and various functions by utiliz-
ing advanced CMOS process technology. The HY51V(S)18163HG/HGL offers Extended Data Out Page-
Mode as a high speed access mode. Multiplexed address inputs permit the HY51V(S)18163HG/HGL to be
packaged in standard 400mil 42pin SOJ and 44(50) pin TSOP-II. The package size provides high system
bit densities and is compatible with widely available automated testing and insertion equipment.
Extended Data Out Mode capability
Read-modify-write capability
Multi-bit parallel test capability
TTL(3.3V) compatible inputs and outputs
/RAS only, CAS-before-/RAS, Hidden and self
refresh(L-version) capability
JEDEC standard pinout
42pin plastic SOJ / 44(50)pin TSOP-II (400mil)
Single power supply of 3.3V +/- 0.3V
Battery back up operation(L-version)
2CAS byte control
Power dissipation
Refresh cycle
Part No
Ref
Normal
L-part
HY51V18163HG
1K
16ms
HY51V18163HGL
1K
128ms
(S) : Self refresh,
(L) : Low power


Similar Part No. - HY51VS18163HG

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY51VS17403HG HYNIX-HY51VS17403HG Datasheet
96Kb / 11P
   4M x 4Bit EDO DRAM
More results

Similar Description - HY51VS18163HG

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY51VS65163HG HYNIX-HY51VS65163HG Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
logo
Elite Semiconductor Mem...
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A_1 Datasheet
786Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52S32162A ESMT-M52S32162A Datasheet
770Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M52D32162A ESMT-M52D32162A Datasheet
767Kb / 30P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A ESMT-M12L32162A_09 Datasheet
761Kb / 29P
   1M x 16Bit x 2Banks Synchronous DRAM
M12L32162A_0712 ESMT-M12L32162A_0712 Datasheet
693Kb / 28P
   1M x 16Bit x 2Banks Synchronous DRAM
logo
Siemens Semiconductor G...
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
logo
Samsung semiconductor
KM416S4030C SAMSUNG-KM416S4030C Datasheet
124Kb / 11P
   1M x 16Bit x 4 Banks Synchronous DRAM
logo
List of Unclassifed Man...
AS4LC1M16E5 ETC-AS4LC1M16E5 Datasheet
604Kb / 22P
   3V 1M X 6 CMOS DRAM (EDO)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com