Electronic Components Datasheet Search |
|
742C083683GP Datasheet(PDF) 1 Page - CTS Corporation |
|
742C083683GP Datasheet(HTML) 1 Page - CTS Corporation |
1 / 4 page Document No. 008-0335-0 Page 1 - 4 Rev. H www.ctscorp.com Chip Resistor Arrays Series 74x FEATURES • Low Cost • Thick Film Technology • High Density Packaging - Up to 30% less space per resistor than 0603 chip resistors - Up to 75% less space per resistor than 0805 chip resistors • Low Profile; can be used in PCMCIA cards • Leadless Surface Mount Construction • Concave or Convex Terminations • Solder Coated Nickel Barrier Pads • Isolated and Bussed Circuits • Resistor Arrays Require Fewer Placements Than Discrete Components • Tape and Reel Packaging • RoHS Compliant in Accordance with EU Directive 2011/65/EU - Lead-Free Termination Finish - Exemption 7(c)-I, Electrical and electronic components containing lead [Pb] in glass ORDERING INFORMATION 741X163 PACKAGE ONLY! C8 - Specifies 8mm carrier width for tape & reel packaging. C12 - Specifies 12mm carrier width for tape & reel packaging. Blank - Carrier width can be 12mm [typical] or 8mm. Reference Tape & Reel Information table for packaging details for other package outlines. PACKAGE CODE X = zero ohm jumper Matte Sn Finish For Resistance Value <100 ohm “R” indicates decimal on values less than 100 ohms. ex. 49R9 = 49.9 ohm 4 Digit Resistor Code (For 1% tolerance only) The first three digits are significant and fourth digit is multiplier. 1st, 2nd and 3rd Digit is the value. 4th Digit is number of zeros. ex. 1001 = 1000 ohm = 1k ohm ex. 6802 = 68000 ohm = 68k ohm RESISTOR CODE See Table Page 2 101 TOLERANCE J PART CODE See Available Package Outlines Page 3 P 742C083 RoHS COMPLIANT J = ± 5% (Standard) 3-digit code (Available for 740-746 Series) G and F tolerance for 740X043, please consult factory. G = ± 2% 3-digit code (Available for 741-745 Series only except for 741X163, 745X101 and 745X102) F = ± 1% 4-digit code (Available for 741-745 Series only except for 745X101 and 745X102) 3 Digit Resistor Code (For 5% and 2% tolerance only) 1st and 2nd Digit is the value. 3rd Digit is number of zeros. ex. 102 = 1000 ohm = 1k ohm ex. 683 = 68000 ohm = 68k ohm Part Number Examples 4-Digit Code J (±5%) G (±2%) F (±1%) 10 Ohm 742C083100JP 742C083100GP 742C08310R0FP 49.9 Ohm Not Available Not Available 742C08349R9FP 120 Ohm 742C083121JP 742C083121GP 742C0831200FP 1K Ohm 742C083102JP 742C083102GP 742C0831001FP 68 Kohm 742C083683JP 742C083683GP 742C0836802FP 3-Digit Code Value\Tolerance Contact your local CTS Representative or CTS Customer Service for availability. Not all performance combinations and resistor values may be available. |
Similar Part No. - 742C083683GP |
|
Similar Description - 742C083683GP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |