Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5916G5-BK Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 5916G5-BK
Description  Powerpole Connectors PP75 up to 120 Amps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5916G5-BK Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  5916G5-BK Datasheet HTML 1Page - List of Unclassifed Manufacturers 5916G5-BK Datasheet HTML 2Page - List of Unclassifed Manufacturers 5916G5-BK Datasheet HTML 3Page - List of Unclassifed Manufacturers 5916G5-BK Datasheet HTML 4Page - List of Unclassifed Manufacturers 5916G5-BK Datasheet HTML 5Page - List of Unclassifed Manufacturers 5916G5-BK Datasheet HTML 6Page - List of Unclassifed Manufacturers 5916G5-BK Datasheet HTML 7Page - List of Unclassifed Manufacturers 5916G5-BK Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.andersonpower.com - 31 -
All Data Subject To Change Without Notice
[ 30.0 ]
1.18
[ 7.2 ]
0.28
[ 11.4 ]
0.45
[ 7.1 ]
0.28
A
[ 47.9 ]
1.88
[ 69.1 ]
2.72
[ 2.0 ]
0.08
[ 17.1 ]
0.68
See Busbar contact drawing on
website for further detail.
PP75 Housing
Standard Powerclaw Contact
Second housing
and contact in two
pole version only.
[ 5.2 ]
0.20
[ 22.2 ]
0.87
[ 48.0 ]
1.89
[ 66.0 ]
2.60
[ 17.0 ]
0.67
[ 32.8 ]
1.29
See PCB contact drawing on
website for further detail.
PP75 Locking Dovetail Housings
Offers dovetails for stacking housings that have a locking feature to prevent housings separating.
Can mate to standard and chemical resistant housings, but cannot be stacked with them.
Description
---------- Part Numbers -----------
Minimum Quantity ....
1,000
100 .....
Red
75LOKRED-BK
75LOKRED
Green
75LOKGRN-BK
75LOKGRN
Black
75LOKBLK-BK
75LOKBLK
White
75LOKWHT-BK
75LOKWHT
Blue
75LOKBLU-BK
75LOKBLU
Gray
75LOKGRA-BK
75LOKGRA
PP75 Silver Plated Wire Contacts
Silver plated contacts offer the best electrical performance and durability up to 10,000 mating cycles.
See reducing bushings in accessory section for smaller wires.
Dimensions
Mating
Loose Piece
- A -
AWG
mm²
Force
-- Part Numbers --
inches mm
Minimum Quantity ........................ 1,000
100
........................
6
13.3
Low
1307-BK 1307
0.22
5.59
6
13.3
High
5900-BK 5900
0.22
5.59
8
8.4
High
5952-BK 5952
0.19
4.83
12 to 10
3.3 to 5.3 Low
5953-BK 5953
0.14
3.56
12 to 10
3.3 to 5.3 High
5915-BK 5915
0.14
3.56
PP75 Silver Plated Busbar Contacts
Provide a quick disconnect input or output busbar connection. Busbar contacts are
for mating with wire contacts only. Part number 75BBS includes lock nuts. Locknuts
must be ordered separately for B01956P4.
Mating
Type
Thread
Force
------------- Part Numbers --------------
Minimum Quantity .................
1,000
20
10 ...
Busbar
#10-24
High
B01915P1
-
75BBS
Lock Nut
#10-24
-
H1216P8
110G54
-
55A Right Angle Standard Powerclaw PCB Contacts
Standard Powerclaw contacts are for use inside a PP75 housing and
provide a color coded right angle connection to the PCB.
Description
--- Loose Piece Part Numbers --
Minimum Quantity .....
500
100 ........
Tin Plated
PC5930T-BK
PC5930T
Silver Plated
PC5930S-BK
PC5930S


Similar Part No. - 5916G5-BK

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
5916G5-BK APP-5916G5-BK Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
More results

Similar Description - 5916G5-BK

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
PP75 APP-PP75 Datasheet
1Mb / 9P
   Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
PP120 APP-PP120 Datasheet
885Kb / 6P
   Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
   Powerpole® Connector PP180 - Up to 350 Amps
REV C7
logo
List of Unclassifed Man...
6319 ETC-6319 Datasheet
959Kb / 6P
   SB짰 50 Connectors - up to 120 amps
REV C3.1
logo
Anderson Power Products...
SB50 APP-SB50 Datasheet
1Mb / 7P
   SB® 50 Connectors Up to 120 amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
   SB® 120 Connectors Up to 240 Amps
REV C7
logo
List of Unclassifed Man...
SBS75XPRBLK ETC2-SBS75XPRBLK Datasheet
1Mb / 8P
   SBS짰 Connectors - up to 110 amps
logo
Anderson Power Products...
SBS APP-SBS Datasheet
1Mb / 11P
   SBS® Connectors Up to 110 amps
REV C7.1
SB175 APP-SB175 Datasheet
1Mb / 9P
   SB® 175 Connectors Up to 280 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
   SB® 350 Connectors Up to 500 Amps
REV C7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com