Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA104G-E1 Datasheet(PDF) 1 Page - NEC

Part # UPA104G-E1
Description  HIGH FREQUENCY NPN TRANSISTOR ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA104G-E1 Datasheet(HTML) 1 Page - NEC

  UPA104G-E1 Datasheet HTML 1Page - NEC UPA104G-E1 Datasheet HTML 2Page - NEC UPA104G-E1 Datasheet HTML 3Page - NEC UPA104G-E1 Datasheet HTML 4Page - NEC UPA104G-E1 Datasheet HTML 5Page - NEC UPA104G-E1 Datasheet HTML 6Page - NEC UPA104G-E1 Datasheet HTML 7Page - NEC UPA104G-E1 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1995, 1999
DATA SHEET
COMPOUND TRANSISTOR
µPA104
FEATURES
9 GHz CONFIGURABLE TRANSISTOR BASED OR/NOR CIRCUITRY
OUTSTANDING hFE LINEARITY
TWO PACKAGE OPTIONS:
µPA104B: Studded ceramic package provides superior thermal dissipation
µPA104G: Reduced circuit size due to 14-pin plastic SOP package for surface mounting
EXCELLENT FOR ANALOG ADDITIONS & FORMATION OF 2-INPUT OR/NOR GATES
DESCRIPTION AND APPLICATIONS
The
µPA104 is a user-configurable, Si bipolar transistor array for formation of high speed OR/NOR gates. Its
internal transistor configuration and external connection options allow the user considerable flexibility in its
application. Its high gain bandwidth product (fT = 9 GHz) make it applicable for electro-optical, signal processing,
cellular telephone systems, instrumentation, and high speed gigabit logic circuits.
ORDERING INFORMATION
PART NUMBER
PACKAGE
µPA104B-E1
14-pin ceramic package
µPA104G-E1
14-pin plastic SOP (225 mil)
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO*
Collector to Base Voltage
V
15
VCEO*
Collector to Emitter Voltage
V
6
VEBO*
Emitter to Base Voltage
V
2.5
IC*
Collector Current
mA
40
PT
Power Dissipation
µPA104B
mW
650
µPA104G
mW
350
TJ
Junction Temperature
µPA104B
°C
200
µPA104G
°C
125
TSTG
Storage Temperature
µPA104B
°C
–55 to +200
µPA104G
°C
–55 to +125
* Absolute maximum ratings for each transistor.
HIGH FREQUENCY NPN TRANSISTOR ARRAY
Caution electro-static sensitive devices
Document No. P10709EJ2V0DS00 (2nd edition)
Date Published October 1999 N CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.
The mark
shows major revised points.


Similar Part No. - UPA104G-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPA101 NEC-UPA101 Datasheet
63Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA101B-E1 NEC-UPA101B-E1 Datasheet
63Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA101G-E1 NEC-UPA101G-E1 Datasheet
63Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA102 NEC-UPA102 Datasheet
54Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA102B-E1 NEC-UPA102B-E1 Datasheet
54Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
More results

Similar Description - UPA104G-E1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3127 INTERSIL-CA3127 Datasheet
60Kb / 7P
   High Frequency NPN Transistor Array
August 1996
CA3127 INTERSIL-CA3127_06 Datasheet
225Kb / 9P
   High Frequency NPN Transistor Array
logo
NEC
UPA102 NEC-UPA102 Datasheet
54Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA103 NEC-UPA103 Datasheet
73Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
logo
Renesas Technology Corp
CA3127 RENESAS-CA3127 Datasheet
455Kb / 9P
   High Frequency NPN Transistor Array
logo
NEC
UPA101 NEC-UPA101 Datasheet
63Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
logo
Intersil Corporation
HS-6254RH INTERSIL-HS-6254RH Datasheet
31Kb / 3P
   Radiation Hardened Ultra High Frequency NPN Transistor Array
HFA3127 INTERSIL-HFA3127 Datasheet
54Kb / 7P
   Ultra High Frequency Transistor Array
February 1995
logo
Solid States Devices, I...
SPT3571 SSDI-SPT3571 Datasheet
496Kb / 4P
   HIGH FREQUENCY TRANSISTOR NPN
logo
Samsung semiconductor
MPS5179 SAMSUNG-MPS5179 Datasheet
34Kb / 1P
   NPN (HIGH FREQUENCY TRANSISTOR)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com