Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD24UJ Datasheet(PDF) 3 Page - NEC

Part # RD24UJ
Description  LOW NOISE SHARP BREAKDOWN CHARACTERISTICS ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD24UJ Datasheet(HTML) 3 Page - NEC

  RD24UJ Datasheet HTML 1Page - NEC RD24UJ Datasheet HTML 2Page - NEC RD24UJ Datasheet HTML 3Page - NEC RD24UJ Datasheet HTML 4Page - NEC RD24UJ Datasheet HTML 5Page - NEC RD24UJ Datasheet HTML 6Page - NEC RD24UJ Datasheet HTML 7Page - NEC RD24UJ Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RD4.7UJ to RD39UJ
3
Data Sheet D13938EJ3V0DS00
Zener Voltage
Reverse Current
Type Number
Class
Vz (V)Note 1
IR (
µA)
MIN.
MAX.
Iz (mA)
MAX.
Iz (mA)
MAX.
VR (V)
N
13.63
15.38
RD15UJ
N1
13.63
14.35
0.5
80
0.5
0.1
11
N2
14.12
14.85
N3
14.62
15.38
N
15.13
16.91
RD16UJ
N1
15.13
15.87
0.5
80
0.5
0.1
12
N2
15.58
16.36
N3
16.07
16.91
N
16.63
18.81
RD18UJ
N1
16.63
17.52
0.5
80
0.5
0.1
13
N2
17.24
18.15
N3
17.87
18.81
N
18.51
20.79
RD20UJ
N1
18.51
19.42
0.5
100
0.5
0.1
15
N2
19.14
20.12
N3
19.80
20.79
N
20.46
22.82
RD22UJ
N1
20.46
21.47
0.5
100
0.5
0.1
17
N2
21.09
22.15
N3
21.76
22.82
N
22.42
25.17
RD24UJ
N1
22.42
23.59
0.5
120
0.5
0.1
19
N2
23.19
24.38
N3
23.98
25.17
N
24.75
27.95
RD27UJ
N1
24.75
26.04
0.5
150
0.5
0.1
21
N2
25.56
26.96
N3
26.46
27.95
N
27.38
31.04
RD30UJ
N1
27.38
29.00
0.5
200
0.5
0.1
23
N2
28.35
30.04
N3
29.37
31.04
N
30.30
33.97
RD33UJ
N1
30.30
32.02
0.5
250
0.5
0.1
25
N2
31.21
32.98
N3
32.14
33.97
N
33.08
36.83
RD36UJ
N1
33.08
34.92
0.5
300
0.5
0.1
27
N2
33.95
36.85
N3
34.87
36.83
N
35.78
39.67
RD39UJ
N1
35.78
37.75
0.5
360
0.5
0.1
30
N2
36.63
38.69
N3
37.56
39.67
Note 1. Tested with pulse (40 ms)
2. Zz is measured at Iz by given a very small A.C. current signal
Dynamic
Impedance
Zz (
Ω)Note 2


Similar Part No. - RD24UJ

ManufacturerPart #DatasheetDescription
logo
NEC
RD24UM NEC-RD24UM Datasheet
63Kb / 8P
   ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
More results

Similar Description - RD24UJ

ManufacturerPart #DatasheetDescription
logo
NEC
RD39UM NEC-RD39UM Datasheet
63Kb / 8P
   ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
RD39JS NEC-RD39JS Datasheet
44Kb / 8P
   DO-34 Package Low noise, Sharp Breakdown characteristics 400 mW Zener Diode
logo
Knox Semiconductor, Inc
LVA43A KNOX-LVA43A Datasheet
42Kb / 1P
   SHARP BREAKDOWN, LOW LEAKAGE LVA REGULATOR DIODES
LVA450A KNOX-LVA450A Datasheet
48Kb / 1P
   SHARP BREAKDOWN, LOW LEAKAGE LVA REGULATOR DIODES
logo
New Jersey Semi-Conduct...
LVA43A NJSEMI-LVA43A Datasheet
43Kb / 1P
   SHARP BREAKDOWN, LOW LEAKAGE LVA REGULATOR DIODES
logo
NEC
RD120S NEC-RD120S Datasheet
54Kb / 12P
   ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
logo
Knox Semiconductor, Inc
K511 KNOX-K511 Datasheet
33Kb / 1P
   LOW LEVEL ZENER DIODES SHARP KNEE, LOW IMPEDANCE
logo
NEC
RD47M NEC-RD47M Datasheet
67Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
2SC5436 NEC-2SC5436 Datasheet
77Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR ULTRA SUPER MINI MOLD FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
RD2.0M NEC-RD2.0M Datasheet
69Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com