Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS87C1104A Datasheet(PDF) 20 Page - Hynix Semiconductor

Part # HMS87C1104A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C1104A Datasheet(HTML) 20 Page - Hynix Semiconductor

Back Button HMS87C1104A Datasheet HTML 16Page - Hynix Semiconductor HMS87C1104A Datasheet HTML 17Page - Hynix Semiconductor HMS87C1104A Datasheet HTML 18Page - Hynix Semiconductor HMS87C1104A Datasheet HTML 19Page - Hynix Semiconductor HMS87C1104A Datasheet HTML 20Page - Hynix Semiconductor HMS87C1104A Datasheet HTML 21Page - Hynix Semiconductor HMS87C1104A Datasheet HTML 22Page - Hynix Semiconductor HMS87C1104A Datasheet HTML 23Page - Hynix Semiconductor HMS87C1104A Datasheet HTML 24Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 88 page
background image
HMS87C130XA/120XA/110XA
Apr. 2001 ver1.0
17
7.4 DC Electrical Characteristics
(TA=-20~85°C, VDD=2.0~5.5V, VSS=0V),
Parameter
Symbol
Pin
Condition
Specifications
Unit
Min.
Typ.
Max.
Input High Voltage
VIH1
RESET
0.8 VDD
-
VDD
V
VIH2
XIN, Hysteresis Input1
0.8 VDD
-
VDD
VIH3
Normal Input
0.7 VDD
-
VDD
Input Low Voltage
VIL1
RESET
0-
0.2 VDD
V
VIL2
XIN, Hysteresis Input1
0-
0.2 VDD
VIL3
Normal Input
0
-
0.3 VDD
Output High Voltage
VOH
All Output Port
VDD=5V, IOH=-5mA
VDD -1
--
V
Output Low Voltage
VOL
All Output Port
VDD=5V, IOL=10mA
-
-1
V
Input Pull-up Current2
IP
RB2, RB3, RD0, RD1
VDD=5V
-450
-380
-300
µA
Input High
Leakage Current
IIH1
All Pins (except XIN)VDD=5V
--
5
µA
IIH2
XIN
VDD=5V
--
15
µA
Input Low
Leakage Current
IIL1
All Pins (except XIN)VDD=5V
-5
-
-
µA
IIL2
XIN
VDD=5V
-15
-
-
µA
Hysteresis
| VT |
Hysteresis Input1
VDD=5V
0.5
-
-
V
PFD Voltage
VPFD1
VDD
PFD Level = 0, VDD=5V
2.0
2.5
3.0
V
VPFD2
VDD
PFD Level = 1, VDD=3V
1.5
1.7
1.9
Internal RC WDT
Period
TRCWDT
VDD=5.0V, fXIN=8MHz
60
200
µS
VDD=3.0V, fXIN=4MHz
150
300
Operating Current3
IDD
VDD
VDD=5.5V, fXIN=8MHz
-2
5
mA
VDD=3.0V, fXIN=4MHz
-1
2
Wake-up Timer Mode
Current
IWKUP
VDD
VDD=5.5V, fXIN=8MHz
-0.1
0.5
mA
VDD=3.0V, fXIN=4MHz
-
0.03
0.1
RCWDT Mode
Current at STOP
Mode
IRCWDT
VDD
VDD=5.5V
--
50
µA
VDD=3.0V
--
30
Stop Mode Current
ISTOP
VDD
VDD=5.5V, fXIN=8MHz
-0.7
1.6
µA
VDD=3.0V, fXIN=4MHz
-0.2
0.8
External RC
Oscillator Frequency
FRC
XOUT
VDD=5V,
R=10K
Ω, C=20pF
35
MHz
VDD=5V,
R=10K
59
1. Hysteresis Input: RA0, RB2, RB3
2. This parameter is valid when the bit PUPSELx is selected and set the input mode or interrupt input function.
3. This value is measured under NOP instruction execution.


Similar Part No. - HMS87C1104A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS87C1302A HYNIX-HMS87C1302A Datasheet
977Kb / 70P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
HMS87C1302AD HYNIX-HMS87C1302AD Datasheet
977Kb / 70P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
HMS87C1304A HYNIX-HMS87C1304A Datasheet
977Kb / 70P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
HMS87C1304AD HYNIX-HMS87C1304AD Datasheet
977Kb / 70P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
HMS87C1404B ETC1-HMS87C1404B Datasheet
1Mb / 99P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - HMS87C1104A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com