Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS87C1104A Datasheet(PDF) 12 Page - Hynix Semiconductor

Part # HMS87C1104A
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C1104A Datasheet(HTML) 12 Page - Hynix Semiconductor

Back Button HMS87C1104A Datasheet HTML 8Page - Hynix Semiconductor HMS87C1104A Datasheet HTML 9Page - Hynix Semiconductor HMS87C1104A Datasheet HTML 10Page - Hynix Semiconductor HMS87C1104A Datasheet HTML 11Page - Hynix Semiconductor HMS87C1104A Datasheet HTML 12Page - Hynix Semiconductor HMS87C1104A Datasheet HTML 13Page - Hynix Semiconductor HMS87C1104A Datasheet HTML 14Page - Hynix Semiconductor HMS87C1104A Datasheet HTML 15Page - Hynix Semiconductor HMS87C1104A Datasheet HTML 16Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 88 page
background image
HMS87C130XA/120XA/110XA
Apr. 2001 ver1.0
9
5. PIN FUNCTION
VDD: Supply voltage.
VSS: Circuit ground.
RESET: Reset the MCU.
XIN: Input to the inverting oscillator amplifier and input to
the internal main clock operating circuit.
XOUT: Output from the inverting oscillator amplifier.
RA0~RA7: RA is an 8-bit, CMOS, bidirectional I/O port.
RA pins can be used as outputs or inputs according to “1”
or “0” written the their Port Direction Register(RAIO).
In addition, RA serves the functions of the various special
features in Table 5-1.
RB0~RB4: RB is an 8-bit, CMOS, bidirectional I/O port.
RB pins can be used as outputs or inputs according to “1”
or “0” written the their Port Direction Register(RBIO).
RB serves the functions of the various following special
features in Table 5-2.
RC0, RC1: RC is a 2-bit, CMOS, bidirectional I/O port.
RC pins can be used as outputs or inputs according to “1”
or “0” written the their Port Direction Register(RCIO).
And these pins are not available in HMS87C1104(2)A.
RD0~RD3: RD is a 4-bit, CMOS, bidirectional I/O port.
RC pins can be used as outputs or inputs according to “1”
or “0” written the their Port Direction Register(RDIO).
And these pins are not available in HMS87C1204(2)A and
HMS87C1104(2)A.
Port pin
Alternate function
RA0
RA1
RA2
RA3
RA4
RA5
RA6
RA7
EC0 ( Event Counter Input Source )
AN1 ( Analog Input Port 1 )
AN2 ( Analog Input Port 2 )
AN3 ( Analog Input Port 3 )
AN4 ( Analog Input Port 4 )
AN5 ( Analog Input Port 5 )
AN6 ( Analog Input Port 6 )
AN7 ( Analog Input Port 7 )
Table 5-1 RA Port
Port pin
Alternate function
RB0
RB1 1
RB2
RB3 1
RB4
1. These pins are not available in HMS87C1104(2)A.
AN0 ( Analog Input Port 0 )
AVREF ( External Analog Reference Pin
)
BUZ ( Buzzer Driving Output Port )
INT0 ( External Interrupt Input Port 0 )
INT1 ( External Interrupt Input Port 1 )
PWM0 (PWM0 Output)
COMP0 (Timer1 Compare Output)
Table 5-2 RB Port


Similar Part No. - HMS87C1104A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS87C1302A HYNIX-HMS87C1302A Datasheet
977Kb / 70P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
HMS87C1302AD HYNIX-HMS87C1302AD Datasheet
977Kb / 70P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
HMS87C1304A HYNIX-HMS87C1304A Datasheet
977Kb / 70P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
HMS87C1304AD HYNIX-HMS87C1304AD Datasheet
977Kb / 70P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
HMS87C1404B ETC1-HMS87C1404B Datasheet
1Mb / 99P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - HMS87C1104A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com