Electronic Components Datasheet Search |
|
913508 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
913508 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 12/19/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 39910-0308 Status: Active Overview: Eurostyle™ Terminal Blocks Description: 10.16mm Beau™ Eurostyle™, Fixed Mount PCB Terminal Block, High Voltage, High Power 40A, 8 Circuits Documents: 3D Model RoHS Certificate of Compliance (PDF) Drawing (PDF) Agency Certification UL E48521 General Product Family Terminal Blocks Series 39910 Application N/A Component Type One Piece Overview Eurostyle™ Terminal Blocks Product Name Eurostyle™Fixed Mount Type Euro Block UPC 756054316597 Physical Circuits (Loaded) 8 Circuits (maximum) 8 Color - Resin Black Entry Angle Horizontal Flammability 94V-0 Lock to Mating Part None Material - Metal Copper Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin Polyester Net Weight 79.706/g Number of Rows 1 Orientation Vertical PC Tail Length 4.10mm PCB Retention None Panel Mount No Pitch - Mating Interface 10.16mm Pitch - Termination Interface 10.16mm Plating min - Mating 3.810µm Plating min - Termination 3.810µm Polarized to Mating Part Yes Shrouded Fully Stackable No Surface Mount Compatible (SMC) No Temperature Range - Operating 130°C Termination Interface: Style Through Hole Wire Size AWG 10, 12, 14, 16, 18, 8 Wire Size mm² 0.75 - 6.0 Electrical Current - Maximum per Contact 40A Voltage - Maximum 600V Series image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Contains SVHC: No Low-Halogen Status Not Low-Halogen Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 39910Series Mates With N/A |
Similar Part No. - 913508 |
|
Similar Description - 913508 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |