Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS81C4X60 Datasheet(PDF) 97 Page - Hynix Semiconductor

Part # HMS81C4X60
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81C4X60 Datasheet(HTML) 97 Page - Hynix Semiconductor

Back Button HMS81C4X60 Datasheet HTML 93Page - Hynix Semiconductor HMS81C4X60 Datasheet HTML 94Page - Hynix Semiconductor HMS81C4X60 Datasheet HTML 95Page - Hynix Semiconductor HMS81C4X60 Datasheet HTML 96Page - Hynix Semiconductor HMS81C4X60 Datasheet HTML 97Page - Hynix Semiconductor HMS81C4X60 Datasheet HTML 98Page - Hynix Semiconductor HMS81C4X60 Datasheet HTML 99Page - Hynix Semiconductor HMS81C4X60 Datasheet HTML 100Page - Hynix Semiconductor HMS81C4X60 Datasheet HTML 101Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 110 page
background image
HMS81C4x60
November 2001 Ver 1.1
95
22. RESET
The HMS81C4x60 have two types of reset generation pro-
cedures; one is an external reset input, other is a watch-dog
timer reset. Table 22-1 shows on-chip hardware initializa-
tion by reset action.
Table 22-1 Initializing Internal Status by Reset Action
22.1 External Reset Input
The reset input is the RESET pin, which is the input to a
Schmitt Trigger. A reset in accomplished by holding the
RESET pin low for at least 8 oscillator periods, within the
operating voltage range and oscillation stable, a reset is ap-
plied and the internal state is initialized. After reset, 64ms
(at 4 MHz) add with 7 oscillator periods are required to
start execution as shown in Figure 22-2 .
Internal RAM is not affected by reset. When VDD is turned
on, the RAM content is indeterminate. Therefore, this
RAM should be initialized before reading or testing it.
When the RESET pin input goes high, the reset operation
is released and the program execution starts at the vector
address stored at addresses FFFEH - FFFFH.
A connecting for simple power-on-reset is shown in Figure
22-1 .
Figure 22-1 Simple Power-on-Reset Circuit
Figure 22-2 Timing Diagram after RESET
On-chip Hardware
Initial Value
On-chip Hardware
Initial Value
Program counter
PC
(FFFFH) - (FFFEH)
Peripheral clock
Off
RAM page register
DPGR
00H
Watchdog timer
Disable
G-flag of PSW
G
0
Control registers
Refer to Table 8-1 on page 22
RESET
+
VDD
GND
MCU
MAIN PROGRAM
Oscillator
(XIN pin)
?
?
FFFE FFFF
Stabilization Time
tST = 62.5mS at 4.19MHz
RESET
ADDRESS
DATA
1
2
3
4
5
6
7
??
Start
?
?
?
FE
?
ADL
ADH
OP
BUS
BUS
RESET Process Step
tST =
x 256
fMAIN ÷1024
1
Fetch


Similar Part No. - HMS81C4X60

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS81C43XX HYNIX-HMS81C43XX Datasheet
1Mb / 100P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER FOR TELEVISION
More results

Similar Description - HMS81C4X60

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com