Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13719 Datasheet(PDF) 1 Page - Epson Company

Part # S1D13719
Description  S1D13719 Mobile Graphics Engine
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13719 Datasheet(HTML) 1 Page - Epson Company

  S1D13719 Datasheet HTML 1Page - Epson Company S1D13719 Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
X59A-C-001-01
1
Revision 1.2
GRAPHICS
S1D13719
S1D13719 Mobile Graphics Engine
February 2012
The S1D13719 is a Mobile Graphics Engine solution designed with support for the digital video revolution in
mobile products. The S1D13719 contains an integrated dual port camera interface, hardware JPEG
encoder/decoder and can be interfaced to an external MPEG codec. Seamlessly connecting to both direct and
indirect CPU interfaces, it provides support for up to two LCD panels. The Mobile Graphics Engine supports all
standard TFT panel types and many extended TFT types, eliminating the need for an external timing control IC.
The S1D13719, with it’s 512K bytes of embedded SRAM and rich feature set, provides a low cost, low power,
single chip solution to meet the demands of embedded markets requiring Digital Video, such as Mobile Commu-
nications devices and Palm-size PDAs.
Additionally, products requiring a rotated display can take advantage of the SwivelView™ feature which provides
hardware rotation of the display memory transparent to the software application. The S1D13719 also provides
support for “Picture-in-Picture Plus” (a variable size window with overlay functions). Higher performance is
provided by the Hardware Acceleration Engine which provides 2D BitBLT functions.
The S1D13719 provides impressive support for cellular and other mobile solutions requiring Digital Video support.
However, its impartiality to CPU type or operating system makes it an ideal display solution for a wide variety of
applications.
FEATURES
SYSTEM BLOCK DIAGRAM
Embedded 512K byte SRAM Display Buffer
Low Operating Voltage
Direct and Indirect CPU interfaces
Programmable resolutions and color depths
Support for 2 panels (LCD2 must be RAM inte-
grated)
Support for RGB, Serial and Parallel I/F Panels
Extended TFT interfaces including HR-TFT
Internal PLL or digital clock input
SD Memory Card interface
Dual port Camera interface
Fractional View and Capture hardware resizer,
reduction from 1x to ½x size in 128 steps
Fractional Zoom for YUV 4:2:2, expand from 1x to
2x size in 128 steps
Hardware JPEG encoder/decoder
YUV to RGB converter
SwivelViewTM (90°, 180°, 270° hardware
rotation of displayed image)
• (Patent # 5,734,875 - Patent # 5,956,049 - Patent #6,262,751)
“Picture-in-Picture Plus”
2D Hardware Acceleration Engine
Software Initiated Power Save Mode
Data and
CPU
Control Signals
Main Display
Serial or Parallel
Camera Interface
(dual port)
13719
(Ram Integrated)
Secondary Display
RGB or Parallel
• 512K Bytes SRAM
• JPEG Encoder/Decoder
• Fractional View/Capture Resizer
• Multiple panel support
• Fractional Zoom
S1D13719 Includes:
SD Card
Interface
• 2D Hardware Acceleration


Similar Part No. - S1D13719

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
   Embedded Memory Graphics LCD Controller
logo
EPCOS
S1D13700F02A100 EPCOS-S1D13700F02A100 Datasheet
576Kb / 134P
   Hardware Functional Specification
logo
Epson Company
S1D13704F00A EPSON-S1D13704F00A Datasheet
535Kb / 94P
   LCD Controller ICs
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
S1D13705F00A EPSON-S1D13705F00A Datasheet
535Kb / 94P
   LCD Controller ICs
More results

Similar Description - S1D13719

ManufacturerPart #DatasheetDescription
logo
EPCOS
S1D13742F01A200 EPCOS-S1D13742F01A200 Datasheet
122Kb / 2P
   S1D13742 Mobile Graphics Engine
logo
List of Unclassifed Man...
UVGA-II(GFX) ETC2-UVGA-II(GFX) Datasheet
1Mb / 21P
   VGA Graphics Engine
UVGA-II(SGC) ETC2-UVGA-II(SGC) Datasheet
1Mb / 20P
   Serial VGA Graphics Engine
UVGA-III ETC2-UVGA-III Datasheet
2Mb / 19P
   VGA Graphics Engine-PACASO
logo
NXP Semiconductors
SAA6721E PHILIPS-SAA6721E Datasheet
360Kb / 72P
   SXGA RGB to TFT graphics engine
1999 May 11
SAA6712E PHILIPS-SAA6712E Datasheet
228Kb / 64P
   XGA RGB to TFT graphics engine
1999 Aug 25
logo
Cirrus Logic
CL-GD546X CIRRUS-CL-GD546X Datasheet
108Kb / 3P
   64-Bit Graphics Engine with Integrated 3D Game Acceleration(CL-GD5464)
logo
List of Unclassifed Man...
CATALYSTLP ETC2-CATALYSTLP Datasheet
450Kb / 3P
   Dual core for high-speed applications 400MHz graphics engine High bandwidth I/O
logo
Texas Instruments
TMS34020A TI-TMS34020A Datasheet
1Mb / 82P
[Old version datasheet]   GRAPHICS PROCESSORS
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com