Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13U11 Datasheet(PDF) 1 Page - Epson Company

Part # S1D13U11
Description  S1D13U11 USB Interface Graphics Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13U11 Datasheet(HTML) 1 Page - Epson Company

  S1D13U11 Datasheet HTML 1Page - Epson Company S1D13U11 Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
X96A-C-001-01
1
Revision 1.0
GRAPHICS
S1D13U11
S1D13U11 USB Interface Graphics Controller
The S1D13U11 is a color LCD graphics controller with an external SDRAM display buffer. The S1D13U11
supports a USB2.0 High-speed device port interface while providing high performance bandwidth to external
SDRAM, allowing for fast screen updates. The S1D13U11 supports displays up to 800x600@24bpp with added
display functions such as Picture-in-Picture, Double-buffer and Display scroll.
Additionally the S1D13U11 supports I2C and two SPI serial interfaces. It can be connected to an external touch
screen controller and serial flash ROM. The S1D13U11 is the best choice of LCD controller to connect between
host CPU and LCD panel via the USB port.
FEATURES
SYSTEM BLOCK DIAGRAM
External 16/64/128M-bit SDRAM memory support
USB2.0 High-speed device port (480Mbps)
Embedded USB protocol sequencer
High performance SDRAM controller
Input data formats: RGB 8:8:8, RGB 5:6:5
Active Matrix TFT interface: 16/18/24-bit interface
Supports resolutions up to 800x600 @ 24bpp
I2C master and two SPI master interface
Main and two Picture-in-Picture display window
Multi-buffer display or Double-buffer display
PWM output for LED backlight control
Buzzer output for touch screen input
Internal 12M/24M oscillator and PLL
8x8 Hardware Key scan interface
1.8 volts and 3.3 volts power
QFP20-144 (20mm x 20mm x 1.7mm)
USB2.0 High-Speed & Full-Speed
Host
S1D13U11
CPU
SDRAM (16M / 64M / 128M-bits)
(16 / 18 / 24-bit)
RGB Interface
USB Host Port
USB Device Port
Key Switch
Active Matrix TFT Display
Touch
SPI-ch0
GPIO
Flash
SPI-ch1
Screen
Controller
Serial


Similar Part No. - S1D13U11

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13305 EPSON-S1D13305 Datasheet
535Kb / 94P
   LCD Controller ICs
S1D13305D00A EPSON-S1D13305D00A Datasheet
535Kb / 94P
   LCD Controller ICs
S1D13305F00A EPSON-S1D13305F00A Datasheet
535Kb / 94P
   LCD Controller ICs
S1D13305F00A100 EPSON-S1D13305F00A100 Datasheet
2Mb / 266P
   Embedded 80K byte SRAM display buffer.
S1D13305F00B EPSON-S1D13305F00B Datasheet
535Kb / 94P
   LCD Controller ICs
More results

Similar Description - S1D13U11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
82A436 ETC1-82A436 Datasheet
4Mb / 82P
   ENHANCED GRAPHICS CONTROLLER / BUS INTERFACE
NET2890 ETC-NET2890 Datasheet
432Kb / 73P
   USB Interface Controller
NET2270 ETC2-NET2270 Datasheet
414Kb / 90P
   USB 2.0 Interface Controller
KCUSB3 ETC1-KCUSB3 Datasheet
60Kb / 8P
   USB Controller - Quick Interface
logo
Winbond
W9970CF WINBOND-W9970CF Datasheet
219Kb / 6P
   VIDEO GRAPHICS CONTROLLER
logo
List of Unclassifed Man...
KL5KUSB2CF ETC-KL5KUSB2CF Datasheet
24Kb / 2P
   USB 2.0 Controller - Quick Interface
logo
Fujitsu Component Limit...
MB88F322 FUJITSU-MB88F322 Datasheet
1Mb / 2P
   Graphics Display Controller
MB86291A FUJITSU-MB86291A Datasheet
243Kb / 25P
   Graphics Display Controller
logo
List of Unclassifed Man...
SED1351 ETC1-SED1351 Datasheet
87Kb / 18P
   GRAPHICS LCD CONTROLLER
logo
Fujitsu Component Limit...
MB86292 FUJITSU-MB86292 Datasheet
236Kb / 25P
   Graphics Display Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com