Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS81C43XX Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HMS81C43XX
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER FOR TELEVISION
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81C43XX Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HMS81C43XX Datasheet HTML 3Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 4Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 5Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 6Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 7Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 8Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 9Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 10Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 100 page
background image
HMS81C43xx / GMS87C4060
7
November 2001 ver 1.2
5. PIN FUNCTION
VDD: Supply voltage.
VSS: Circuit ground.
TEST: Used for shipping inspection of the IC. For normal
operation, it should not be connected .
RESET: Reset the MCU.
XIN: Input to the inverting oscillator amplifier and input to
the internal main clock operating circuit.
XOUT: Output from the inverting oscillator amplifier.
OSC1: Input to the internal On Screen Display operating
circuit.
OSC2: Output from the inverting OSC1 amplifier.
R00~R07: R0 is an 8-bit CMOS bidirectional I/O port. R0
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs.
R10~R17: R1 is an 8-bit CMOS bidirectional I/O port. R1
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs.
In addition, R1 serves the functions of the various follow-
ing special features.
R20~R27: R2 is a 8-bit CMOS bidirectional I/O port. Each
pins 1 or 0 written to the their Port Direction Register can
be used as outputs or inputs.
In addition, R2 serves the functions of the various follow-
ing special features.
R40~R47: R40~R43 are 8-bit NMOS open drain output
and R45~R47 are bidirectional CMOS Input / NMOS open
drain output port. R4 pins 1 or 0 written to the Port Direc-
tion Register can be used as outputs or inputs.
In addition, R4 serves the functions of the various follow-
ing special features.
R50~R56: R50~R53 are 4-bit CMOS bidirectional I/O and
R54~R56 are CMOS output port. R5 pins 1 or 0 written to
the Port Direction Register can be used as outputs or in-
puts.
In addition, R5 serves the functions of the various follow-
ing special features.
R67: R67 is an 1-bit CMOS bidirectional I/O port. R67
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs.
In addition, R67 serves the functions of the various follow-
ing special features.
R,G,B: R,G,B CMOS output port. Each pins controls Red,
Green,. Blue color control.
Port pin
Alternate function
R10
R11
R12
R13
R14
R15
R16
R17
AN0 (A/D converter input 0)
AN1 (A/D converter input 1)
AN2 (A/D converter input 2)
AN3 (A/D converter input 3)
AN4 (A/D converter input 4)
AN5 (A/D converter input 5)
VD (Vertical Sync. input)
HD (Horisontal Sync. input)
Port pin
Alternate function
R20
R21
R22
R23
R24
R25
R26
R27
INT2 (External interrupt input 2)
Sclk (Serial communication clock)
Sout (Serial communication data out)
Sin (Serial communication data in)
INT3 (External interrupt input 3)
EC2 (Event counter input 2)
INT4 (External interrupt input 4)
EC3 (Event counter input 3)
Port pin
Alternate function
R40
R41
R42
R43
R44
R45
R46
R47
PWM0 (Pulse Width Modulation output 0)
PWM1 (Pulse Width Modulation output 1)
PWM2 (Pulse Width Modulation output 2)
PWM3 (Pulse Width Modulation output 3)
SCL0 (I2C Clock 0)
SCL1 (I2C Clock 1)
PWM4 (Pulse Width Modulation output 4)
SDA0 (I2C Data 0)
SDA1 (I2C Data 1)
PWM5 (Pulse Width Modulation output 5)
Port pin
Alternate function
R50
R51
R52
R54
R55
R56
BUZZ (Buzzer output)
PWM8 (Pulse Width Modulation output 8)
INT0 (External interrupt input 0)
YM (Back ground)
YS (Edge)
I (Intencity)
Port pin
Alternate function
R67
INT1 (External interrupt input 1)


Similar Part No. - HMS81C43XX

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS81C4360 HYNIX-HMS81C4360 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4360SK HYNIX-HMS81C4360SK Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - HMS81C43XX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com