Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS81C43XX Datasheet(PDF) 63 Page - Hynix Semiconductor

Part # HMS81C43XX
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER FOR TELEVISION
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81C43XX Datasheet(HTML) 63 Page - Hynix Semiconductor

Back Button HMS81C43XX Datasheet HTML 59Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 60Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 61Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 62Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 63Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 64Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 65Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 66Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 67Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 100 page
background image
HMS81C43xx / GMS87C4060
63
November 2001 ver 1.2
18. I2C Bus Interface
The I2C Bus interface circuit is shown in Figure 18-1 .
The multi-master I2C Bus interface is a serial communica-
tions circuit, conforming to the Phlips I2C Bus data trans-
fer format. This interface, offering both arbitration lost
detection and a synchronous functions, is useful for the
multi-master serial communications.
This multi-master I2C Bus interface circuit consists of the
I2C address register, the I2C data shift register, the I2C
clock control register, the I2C control register, the I2C sta-
tus register and other control circuits.
The more details about registers are shown Figure 18-2 ~
Figure 18-6 .
Figure 18-1 Block Diagram of multi-master I2C circuit
Control
The HMS81C43xx/GMS87C4060 contains two I2C Bus
interface modules. It supports multi-master function, so it
contains arbitration lost detection, synchronization func-
tion,etc.
I2C address register
It contains slave address (7bit) which is used during slave
mode and Read/Write bit.
Bit 7 ~ 0 : Slave address 6~0
Note: Bit 7~0 (SAD6~0) store slave address. The address
data transmitted from the master is compared with the con-
tents of these bits.
ICAR [D8H]
IFI2CR
Bit counter
SCL
Address
comparator
ICDR [D9H]
D7
D6
D5
D4
D3
D2
D1
D0
Interrupt
Generation
Circuit
Data
Control
Circuit
ICSR [00DAH] MST TRX
BB
PIN
AL
AAS
AD0
LRB
Noise
Elimination
Circuit
AL
Circuit
BB
Circuit
Clock
Control
Circuit
Noise
Elimination
Circuit
ICCR1 [00DBH]
BSE L 1 ~ 0
ALS
ESO
BC 2 ~ 0
ICCR2 [DCH] ACLK ACK
1
C CR3 ~ 0
Clock division
External clock
SDA
SAD6 SDA5 SDA4 SDA3 SDA2 SDA1 SDA0 R/W
ITEM
Function
Format
Philips
I2C standard
7bit addressing format
Communication
mode
Master transmitter
Master receiver
Slave transmitter
Slave receiver
SCL clock
frequency
66.6KHz ~ 500KHz (fex=12MHz)
44.4KHz ~ 333.3KHz (fex=8MHz)
ITEM
Function


Similar Part No. - HMS81C43XX

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS81C4360 HYNIX-HMS81C4360 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4360SK HYNIX-HMS81C4360SK Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - HMS81C43XX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com