Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS81C43XX Datasheet(PDF) 60 Page - Hynix Semiconductor

Part # HMS81C43XX
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER FOR TELEVISION
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81C43XX Datasheet(HTML) 60 Page - Hynix Semiconductor

Back Button HMS81C43XX Datasheet HTML 56Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 57Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 58Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 59Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 60Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 61Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 62Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 63Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 64Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 100 page
background image
HMS81C43xx / GMS87C4060
60
N ovem b er 2001 ver 1.2
), etc.
Note: if (BSL = 1) & (BSCUL = 0) & (LnATTR,ENSHn = 1),
then the right bottom shadow of font character is shifted to
1 dot right side. This shadow effect will continue until that
(BSR) of adjacent character attribution become (BSR = 1).
Line
No.
Character
No.
Address (bit 23~0)
Hexa decimal
1
1
A40
A20
A00
2
A41
A21
A01
3
A42
A22
A02
::
:
:
22
A55
A35
A15
23
A56
A36
A16
24
A57
A37
A17
2
1
AC0
AA0
A80
2
AC1
AA1
A81
3
AC2
AA2
A82
::
:
:
22
AD5
AB5
A95
23
AD6
AB6
A96
24
AD7
AB7
A97
Table 17-4 VRAM memory map
Bit No.
Name
Function
15
BSR
Enable right side background
shadow.
cf. If BSL=1 and BSCUL=1 and
LnATTR.ENSHn=1, character’s
right bottom shadow is shifted to
right side by 1dot unit.
It acts continued until current
character’s right side chacter’s
BSR is set to 1.
14
BSL
Enable left side background
shadow.
13
BSD
Enable bottom side background
shadow.
12
BSU
Enable top side background
shadow.
11
BSCDR
Select color of right and bottom
side shadow of the background
0: Edge1, 1: Edge2 color
Table 17-5 VRAM (bit15~0) function
10
BSCUL
Select color of left and top side
shadow of the background
0: Edge1, 1: Edge2 color
9
ENRND
Enable character’s rounding
8~0
CG8~0
Character font number
( among 000 ~ 1FFH )
Bit No. &
Name
Output ( Polarity :
Through)
Character
color
19
18
17
16
IB
G
R
Y
M
Y
S
IB
G
R
0
00000000
0
Clear
0
00101000
1
Red
0
01001001
0
Green
0
01101001
1
Yellow
0
10001010
0
Blue
0
10101010
1
Magenta
0
11001011
0
Cyan
0
11101011
1
White
1
00001000
0
Black
1
00101000
1
Half-I,Red
1
01001001
0
Half-I,Green
1
01101001
1
Half-I,
Yellow
1
10001010
0
Half-I,Blue
1
10101010
1
Half-I,
Magenta
1
11001011
0
Half-I,Cyan
1
11101011
1
Half-I,White
Table 17-6 VRAM (bit19~16) function
Bit No.
Name
Function
Table 17-5 VRAM (bit15~0) function


Similar Part No. - HMS81C43XX

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS81C4360 HYNIX-HMS81C4360 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4360SK HYNIX-HMS81C4360SK Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - HMS81C43XX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com