Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS81C43XX Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # HMS81C43XX
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER FOR TELEVISION
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81C43XX Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button HMS81C43XX Datasheet HTML 9Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 10Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 11Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 12Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 13Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 14Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 15Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 16Page - Hynix Semiconductor HMS81C43XX Datasheet HTML 17Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
HMS81C43xx / GMS87C4060
13
November 2001 ver 1.2
7. ELECTRICAL CHARACTERISTICS
7.1 Absolute Maximum Ratings
Supply voltage ........................................... -0.3 to +6.0 V
Storage Temperature ................................-40 to +125
°C
Voltage on any pin with respect to Ground (VSS)
............................................................... -0.3 to VDD+0.3
Maximum current out of VSS pin ........................100 mA
Maximum current into VDD pin ............................80 mA
Maximum current sunk by (IOL per I/O Pin) ........20 mA
Maximum output current sourced by (IOH per I/O Pin)
.................................................................................8 mA
Maximum current (
ΣIOL) ...................................... 80 mA
Maximum current (
ΣIOH)...................................... 50 mA
Note: Stresses above those listed under "Absolute Maxi-
mum Ratings" may cause permanent damage to the de-
vice. This is a stress rating only and functional operation of
the device at any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for ex-
tended periods may affect device reliability.
7.2 Recommended Operating Conditions
7.3 DC Electrical Characteristics - HMS81C43xx
(TA=-10~70°C, VDD=4.5~5.5V),
Parameter
Symbol
Condition
Specifications
Unit
Min.
Max.
Supply Voltage
VDD
fXIN=8MHz
fOSC=16MHz
4.5
5.5
V
Operating Frequency
fXIN
VDD=4.5~5.5V
48
MHz
On Screen Display Oper-
ating Frequency
fOSC
VDD=4.5~5.5V
816
MHz
Operating Temperature
TOPR
-10
70
°C
Parameter
Symbol
Condition
Specifications
Unit
Min.
Typ.
Max.
High level input voltage
VIH1
TEST, RESET, Xin, OSC1, R17~16,
R27~20, R47~44, R52, R67
0.8 VDD
-
VDD
V
VIH2
R0, R15~10, R53~50
0.7 VDD
-
VDD
V
Low level input voltage
VIL1
TEST, RESET, Xin, OSC1, R17~16,
R27~20, R47~44, R52, R67
0-
0.12 VDD
V
VIL2
R0, R15~10, R53~50
0
-
0.3 VDD
V
High level output voltage
VOH
IOH = -5mA
R0, R1, R2, R5, R67
VDD - 1
--
V
IOH = -1.2mA
R,G,B
VDD - 1
--
V
Low level output voltage
VOL
IOL = 5mA
R0, R1, R2, R4, R5, R67, R, G, B
-
-1.0
V
Supply current in
ACTIVE mode
IDD
VDD
--
30
mA


Similar Part No. - HMS81C43XX

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMS81C4360 HYNIX-HMS81C4360 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4360SK HYNIX-HMS81C4360SK Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - HMS81C43XX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com