Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS81004E Datasheet(PDF) 17 Page - Hynix Semiconductor

Part # HMS81004E
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81004E Datasheet(HTML) 17 Page - Hynix Semiconductor

Back Button HMS81004E Datasheet HTML 13Page - Hynix Semiconductor HMS81004E Datasheet HTML 14Page - Hynix Semiconductor HMS81004E Datasheet HTML 15Page - Hynix Semiconductor HMS81004E Datasheet HTML 16Page - Hynix Semiconductor HMS81004E Datasheet HTML 17Page - Hynix Semiconductor HMS81004E Datasheet HTML 18Page - Hynix Semiconductor HMS81004E Datasheet HTML 19Page - Hynix Semiconductor HMS81004E Datasheet HTML 20Page - Hynix Semiconductor HMS81004E Datasheet HTML 21Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 77 page
background image
HMS81004E/08E/16E/24E/32E
14
JUNE 2001 Ver 1.00
7.5 REMOUT Port Iol Characteristics Graph
(typical process & room temperature)
7.6 AC Characteristics
(TA=0~+70°°°°C, VDD=2.0~3.6V, VSS=0V)
.
Figure 7-2 Iol vs Vol
5
Iol(mA)
Vol (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4
3
2
1
0
-1
Vdd 3V
Vdd 4V
Vdd 2V
Parameter
Symbol
Pins
Specifications
Unit
Min.
Typ.
Max.
External clock input cycle time
tCP
XIN
250
500
1000
ns
System clock cycle time
tSYS
500
1000
2000
ns
External clock pulse width High
tCPH
XIN
40
-
-
ns
External clock pulse width Low
tCPL
XIN
40
-
-
ns
External clock rising time
tRCP
XIN
-
-
40
ns
External clock falling time
tFCP
XIN
-
-
40
nS
Interrupt pulse width High
tIH
INT1, INT2
2
-
-
tSYS
Interrupt pulse width Low
tIL
INT1, INT2
2
-
-
tSYS
RESET Input pulse width low
tRSTL
RESET
8-
-
tSYS
Event counter input pulse width high
tECH
EC
2-
-
tSYS
Event counter input pulse width low
tECL
EC
2-
-
tSYS
Event counter input pulse rising time
tREC
EC
--
40
ns
Event counter input pulse falling time
tFEC
EC
--
40
ns


Similar Part No. - HMS81004E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMS81C2012A ETC1-HMS81C2012A Datasheet
1Mb / 107P
   CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
HMS81C2012AK ETC1-HMS81C2012AK Datasheet
1Mb / 107P
   CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
HMS81C2012ALQ ETC1-HMS81C2012ALQ Datasheet
1Mb / 107P
   CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
HMS81C2012AQ ETC1-HMS81C2012AQ Datasheet
1Mb / 107P
   CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
HMS81C2020A ETC1-HMS81C2020A Datasheet
1Mb / 107P
   CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
More results

Similar Description - HMS81004E

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com