Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGD942C_2015 Datasheet(PDF) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # CGD942C_2015
Description  870 MHz, 23 dB gain power doubler amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

CGD942C_2015 Datasheet(HTML) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  CGD942C_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. CGD942C_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. CGD942C_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. CGD942C_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. CGD942C_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. CGD942C_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. CGD942C_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NXP Semiconductors
CGD942C
870 MHz, 23 dB gain power doubler amplifier
© NXP B.V. 2007.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 7 June 2007
Document identifier: CGD942C_1
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
11. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description. . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.4
Quick reference data. . . . . . . . . . . . . . . . . . . . . 1
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
4
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2
5
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 3
6
Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 4
7
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
8
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 5
9
Legal information. . . . . . . . . . . . . . . . . . . . . . . . 6
9.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 6
9.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
9.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
9.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
10
Contact information. . . . . . . . . . . . . . . . . . . . . . 6
11
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7


Similar Part No. - CGD942C_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGD942C NXP-CGD942C Datasheet
284Kb / 7P
   870 MHz, 23 dB gain power doubler amplifier
Rev. 02-19 November 2009
CGD942C NXP-CGD942C Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - CGD942C_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGD942C NXP-CGD942C Datasheet
284Kb / 7P
   870 MHz, 23 dB gain power doubler amplifier
Rev. 02-19 November 2009
logo
Quanzhou Jinmei Electro...
CGD944C_2015 JMNIC-CGD944C_2015 Datasheet
58Kb / 7P
   870 MHz, 25 dB gain power doubler amplifier
logo
NXP Semiconductors
CGD923 PHILIPS-CGD923 Datasheet
52Kb / 8P
   870 MHz, 20 dB gain power doubler amplifier
2002 Oct 08
CGD944C NXP-CGD944C Datasheet
284Kb / 7P
   870 MHz, 25 dB gain power doubler amplifier
Rev. 02-16 November 2009
logo
ANADIGICS, Inc
ACA3742 ANADIGICS-ACA3742 Datasheet
595Kb / 5P
   870 MHz, 21 dB Gain CATV Power Doubler Amplifier
ACA3753 ANADIGICS-ACA3753 Datasheet
398Kb / 4P
   870 MHz, 28 dB Gain CATV Power Doubler Amplifier
ACA3754 ANADIGICS-ACA3754 Datasheet
444Kb / 4P
   870 MHz, 28 dB Gain CATV Power Doubler Amplifier
logo
Skyworks Solutions Inc.
ACA3748 SKYWORKS-ACA3748 Datasheet
531Kb / 6P
   870 MHz, 25 dB Gain CATV Power Doubler Amplifier
logo
ANADIGICS, Inc
ACA3748 ANADIGICS-ACA3748 Datasheet
433Kb / 4P
   870 MHz, 25 dB Gain CATV Power Doubler Amplifier
ACA3747 ANADIGICS-ACA3747 Datasheet
607Kb / 6P
   870 MHz, 25 dB Gain CATV Power Doubler Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com